Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3014 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMA3014
Description  12.7-16GHZ MMIC LIMITING AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3014 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMA3014 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3014 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3014 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3014 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3014 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3014 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
12.7-16GHZ MMIC LIMITING AMPLIFIER
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
1
FMA3014
Datasheet v3.0
FEATURES:
FUNCTIONAL SCHEMATIC:
Self-Biased
RF Input
RF Output
Single Supply
32dB Gain
17dBm Output
pHEMT Technology
Input Return Loss < -15dB
Output Return Loss < -12dB
GENERAL DESCRIPTION:
The FMA3014 is a high performance 12.7-
16GHz Gallium Arsenide monolithic amplifier.
It
is
suitable
for
use
in
broadband
communication
and
electronic
warfare
applications. The FMA3014 is ideally suited as
a limiting amplifier where output power is
invariant of input power. An example is the
reduction of variability of mixer conversion loss
to input LO drive level.
VDD
TYPICAL APPLICATIONS:
Electronic Warfare
Broadband Communication Infrastructure
Cellular Backhaul
Point to Point Radio
ELECTRICAL SPECIFICATIONS:
Note: TAMBIENT = +25°C, Z0 = 50Ω
PARAMETER
CONDITIONS (VDD=4.5V, ID=100mA)
MIN
TYP
MAX
UNITS
Small Signal Gain
12.7-16GHz
28
32
dB
Input Return Loss
12.7-16GHz
-8
-15
dB
Output Return Loss
12.7-16GHz
-8
-12
dB
Output Power at 1dB
compression point
12.7-16GHz
13
15
dBm
Saturated Output Power
12.7-16GHz
15
17
dBm
Noise Figure
12.7-16GHz
6
7
dB
Self-bias Current
Small signal
100
130
mA
Website: www.filtronic.com


Similar Part No. - FMA3014

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
More results

Similar Description - FMA3014

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
logo
Excelics Semiconductor,...
RFMA1213-2W EXCELICS-RFMA1213-2W Datasheet
93Kb / 2P
   12.7 - 13.3 GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
   7-16GHz Medium Power Amplifier
logo
Cree, Inc
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
   7-16GHz Medium Power Amplifier
CHA5052 UMS-CHA5052 Datasheet
493Kb / 10P
   7-16GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com