Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3011 Datasheet(PDF) 6 Page - Filtronic Compound Semiconductors

Part # FMA3011
Description  12.7-16GHZ MMIC POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3011 Datasheet(HTML) 6 Page - Filtronic Compound Semiconductors

  FMA3011_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
6
Datasheet v4.0
FMA3011
TYPICAL PERFORMANCE FOR FULL BIAS JIG BASED TEMPERATURE MEASUREMENTS:
Note: Measurement Conditions: VG= -0.35V, VDD= 7V, Id=450mA TAMBIENT = -40°C, +25°C and +80°C
Gain
1dB Compression Point
25
26
27
28
29
30
31
32
33
34
35
12.75
13.25
13.75
14.25
14.75
15.25
15.75
Frequency (GHz)
HG1_25
HG1_40
HG1_80
25
25.5
26
26.5
27
27.5
28
28.5
29
29.5
30
12.75
13.25
13.75
14.25
14.75
15.25
15.75
Frequency (GHz)
HG1_25
HG1_40
HG1_80
Third Order Output Intercept Point (OIP3)
Fifth Order Output Intercept Point (OIP5)
34
34.5
35
35.5
36
36.5
37
37.5
38
38.5
39
12.75
13.25
13.75
14.25
14.75
15.25
15.75
Frequency (GHz)
HG1_25
HG1_40
HG1_80
30
30.5
31
31.5
32
32.5
33
33.5
34
34.5
35
12.75
13.25
13.75
14.25
14.75
15.25
15.75
Frequency (GHz)
HG1_25
HG1_40
HG1_80
13.25GHz IM3 Level vs Output Power
15.25GHz IM3 Level vs Output Power
-50
-45
-40
-35
-30
-25
-20
-15
-10
13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
Output Power (dBm)
HG1_25
HG1_40
HG1_80
-50
-45
-40
-35
-30
-25
-20
-15
-10
13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
Output Power (dBm)
HG1_25
HG1_40
HG1_80


Similar Part No. - FMA3011_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
More results

Similar Description - FMA3011_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014_1 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
logo
Excelics Semiconductor,...
RFMA1213-2W EXCELICS-RFMA1213-2W Datasheet
93Kb / 2P
   12.7 - 13.3 GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
   7-16GHz Medium Power Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
   7-16GHz Medium Power Amplifier
CHA5052 UMS-CHA5052 Datasheet
493Kb / 10P
   7-16GHz High Power Amplifier
logo
Cree, Inc
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
logo
United Monolithic Semic...
CHA5052-QGG UMS-CHA5052-QGG Datasheet
1Mb / 10P
   7-16GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com