Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3011 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMA3011
Description  12.7-16GHZ MMIC POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3011 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMA3011_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FMA3011_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
12.7-16GHZ MMIC POWER AMPLIFIER
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
1
Datasheet v4.0
FMA3011
FEATURES:
Balanced Topology
37dBm OIP3
30dB Gain
Input Return Loss <-15dB
Output Return Loss <-15dB
GENERAL DESCRIPTION:
The FMA3011 is a high performance 12.7-
16GHz Gallium Arsenide monolithic power
amplifier with sufficiently high gain to ensure
that IMD products from preceding stages can
be kept to an absolute minimum. Coupled with
the low IMD of this device, highly linear system
performance
can
be
achieved,
while
preserving
the
overall
system
gain
requirements. It is suitable for use in digital
microwave
radios
and
electronic
warfare
applications.
Balanced
configuration
using
Lange
couplers
ensures
excellent
return
losses and tolerance to external loads. The
input stage is self-biased.
FUNCTIONAL SCHEMATIC:
VDD
RF Input
VG
RF Output
TYPICAL APPLICATIONS:
Electronic Warfare
Broadband Communication Infrastructure
Cellular Backhaul
Point-to-Point Radio
ELECTRICAL SPECIFICATIONS (ON-WAFER):
PARAMETER
CONDITIONS (VDD=6.8V, ID=450mA)
MIN
TYP
MAX
UNITS
Small Signal Gain
13 GHz, pulsed
15 GHz, pulsed
27.7
25.2
30.5
28.5
32.3
31.7
dB
dB
Input Return Loss
12.5 – 15.5 GHz, Vdd=5V, Vg=-0.5V
-13
-10.7
dB
Output Return Loss
12.5 – 15.5 GHz, Vdd=5V, Vg=-0.5V
-14
-13.7
dB
P1dB
13 – 15 GHz, pulsed
26
29.2
32
dBm
3rd Order Output
Intercept Point (OIP3)
(jig measurement)
13GHz (measured at 22dBm total output power)
15GHz (measured at 22dBm total output power)
35.5
35.5
37
37
dBm
dBm
Noise Figure
(jig measurement)
13 GHz
15 GHz
4.1
4.7
4.5
5.3
dB
dB
Self-bias Current
Total for both input stages
40
60
100
mA
Note: TAMBIENT = +25°C, Z0 = 50
Website: www.filtronic.com


Similar Part No. - FMA3011_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
More results

Similar Description - FMA3011_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014_1 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
logo
Excelics Semiconductor,...
RFMA1213-2W EXCELICS-RFMA1213-2W Datasheet
93Kb / 2P
   12.7 - 13.3 GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
   7-16GHz Medium Power Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
   7-16GHz Medium Power Amplifier
CHA5052 UMS-CHA5052 Datasheet
493Kb / 10P
   7-16GHz High Power Amplifier
logo
Cree, Inc
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
logo
United Monolithic Semic...
CHA5052-QGG UMS-CHA5052-QGG Datasheet
1Mb / 10P
   7-16GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com