Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3008 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FMA3008
Description  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3008 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FMA3008_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3008_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3008_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3008_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3008_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3008_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3008_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3008_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
5
Production Datasheet v2.9
FMA3008
S-PARAMETERS FOR ON WAFER MEASUREMENTS:
Note: Measurement Conditions VG= -0.28V, VDD= 7V.
S11
S21
S12
S22
Frequency Mag
Angle
Mag
Angle
Mag
Angle
Mag
Angle
2
0.25
43.20
0.25
43.20
0.25
43.20
0.25
43.12
2.19
0.25
39.39
0.25
39.39
0.25
39.39
0.25
39.31
2.38
0.26
35.85
0.26
35.85
0.26
35.85
0.26
35.77
2.57
0.26
32.34
0.26
32.34
0.26
32.34
0.26
32.27
2.76
0.26
28.94
0.26
28.94
0.26
28.94
0.26
28.86
2.95
0.27
25.69
0.27
25.69
0.27
25.69
0.27
25.60
3.14
0.27
22.45
0.27
22.45
0.27
22.45
0.27
22.36
3.33
0.28
19.13
0.28
19.13
0.28
19.13
0.28
19.05
3.52
0.28
15.98
0.28
15.98
0.28
15.98
0.28
15.89
3.71
0.28
12.78
0.28
12.78
0.28
12.78
0.28
12.71
3.9
0.29
9.46
0.29
9.46
0.29
9.46
0.29
9.39
4.09
0.29
6.29
0.29
6.29
0.29
6.29
0.29
6.22
4.28
0.29
3.02
0.29
3.02
0.29
3.02
0.29
2.95
4.47
0.29
-0.34
0.29
-0.34
0.29
-0.34
0.29
-0.39
4.66
0.29
-3.65
0.29
-3.65
0.29
-3.65
0.29
-3.70
4.85
0.29
-6.96
0.29
-6.96
0.29
-6.96
0.29
-7.03
5.04
0.29
-10.37
0.29
-10.37
0.29
-10.37
0.29
-10.44
5.23
0.29
-13.76
0.29
-13.76
0.29
-13.76
0.29
-13.81
5.42
0.29
-17.11
0.29
-17.11
0.29
-17.11
0.29
-17.17
5.61
0.29
-20.57
0.29
-20.57
0.29
-20.57
0.29
-20.62
5.8
0.29
-24.15
0.29
-24.15
0.29
-24.15
0.29
-24.20
5.99
0.28
-27.59
0.28
-27.59
0.28
-27.59
0.28
-27.63
6.18
0.28
-31.36
0.28
-31.36
0.28
-31.36
0.28
-31.41
6.37
0.28
-35.15
0.28
-35.15
0.28
-35.15
0.28
-35.19
6.56
0.27
-38.98
0.27
-38.98
0.27
-38.98
0.27
-39.02
6.75
0.27
-42.83
0.27
-42.83
0.27
-42.83
0.27
-42.87
6.94
0.26
-46.73
0.26
-46.73
0.26
-46.73
0.26
-46.77
7.13
0.25
-50.63
0.25
-50.63
0.25
-50.63
0.25
-50.67
7.32
0.24
-54.69
0.24
-54.69
0.24
-54.69
0.24
-54.74
7.51
0.23
-59.03
0.23
-59.03
0.23
-59.03
0.23
-59.07
7.7
0.23
-63.47
0.23
-63.47
0.23
-63.47
0.23
-63.49
7.89
0.21
-68.15
0.21
-68.15
0.21
-68.15
0.21
-68.19
8.08
0.20
-72.89
0.20
-72.89
0.20
-72.89
0.20
-72.91
8.27
0.19
-78.03
0.19
-78.03
0.19
-78.03
0.19
-78.05
8.46
0.18
-83.18
0.18
-83.18
0.18
-83.18
0.18
-83.23
8.65
0.17
-88.76
0.17
-88.76
0.17
-88.76
0.17
-88.79
8.84
0.15
85.32
0.15
85.32
0.15
85.32
0.15
85.28
9.03
0.14
78.70
0.14
78.70
0.14
78.70
0.14
78.66
9.22
0.13
71.12
0.13
71.12
0.13
71.12
0.13
71.08
9.41
0.11
62.64
0.11
62.64
0.11
62.64
0.11
62.61
9.6
0.10
52.12
0.10
52.12
0.10
52.12
0.10
51.99
9.79
0.08
40.06
0.08
40.06
0.08
40.06
0.08
39.94
9.98
0.07
24.48
0.07
24.48
0.07
24.48
0.07
24.35
10.17
0.07
5.78
0.07
5.78
0.07
5.78
0.07
5.64
10.36
0.07
-15.15
0.07
-15.15
0.07
-15.15
0.07
-15.29
10.55
0.07
-36.45
0.07
-36.45
0.07
-36.45
0.07
-36.55
10.74
0.08
-54.27
0.08
-54.27
0.08
-54.27
0.08
-54.38
10.93
0.09
-69.24
0.09
-69.24
0.09
-69.24
0.09
-69.28


Similar Part No. - FMA3008_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

Similar Description - FMA3008_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com