Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3008 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMA3008
Description  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3008 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMA3008 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
2
Production Datasheet v2.9
FMA3008
ABSOLUTE MAXIMUM RATINGS:
Note: Exceeding any one of these absolute
maximum ratings may cause permanent
damage to the device.
PAD LAYOUT:
PARAMETER
SYMBOL
ABSOLUTE
MAXIMUM
Max Input Power
Pin
+20dBm
Gate Voltage
VG1
-2V
Drain Voltage
VDD
+10V
Total Power
Dissipation
Ptot
tbd
Gain Compression
Comp
tbd
Thermal Resistivity
θ
JC
38°C/W
Operating Temp
Toper
-40°C to +85°C
Storage Temp
Tstor
-55°C to +150°C
Note: Co-ordinates are referenced from the bottom
left hand corner of the die to the centre of bond pad
opening
PAD
REF
PAD
NAME
DESCRIPTION
PIN
COORDINATES
(µm)
A
RF in
RF in
(105,713)
B
GND
Ground
(198, 126)
C
VG
Gate Voltage
(461, 128)
D
Out
RF Output
(663, 713)
E
GND
Ground
(2170, 1580)
F
VD
Drain Voltage
(1998, 1580)
E
F
D
A
C
B
DIE SIZE (
µm)
DIE THICKNESS (
µm)
MIN. BOND PAD PITCH
(
µm)
MIN. BOND PAD OPENING
(
µm x µm )
2350 x 1710
100
179
100 x 100
Website: www.filtronic.com


Similar Part No. - FMA3008

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

Similar Description - FMA3008

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com