Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3007 Datasheet(PDF) 6 Page - Filtronic Compound Semiconductors

Part # FMA3007
Description  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3007 Datasheet(HTML) 6 Page - Filtronic Compound Semiconductors

  FMA3007 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
6
Production Datasheet v3.0
FMA3007
S-PARAMETERS CONTINUED
S11S21
S12S22
Frequency Mag
Angle
Mag
Angle
Mag
Angle
Mag
Angle
11.12
0.11
22.84
3.43
76.53
0.01
-22.37
0.23
-27.22
11.31
0.11
19.06
3.43
71.78
0.01
-27.33
0.22
-36.26
11.5
0.11
14.69
3.44
67.04
0.01
-31.55
0.21
-45.16
11.69
0.11
9.79
3.45
62.28
0.01
-37.22
0.21
-55.08
11.88
0.11
6.23
3.47
57.43
0.01
-42.25
0.20
-65.94
12.07
0.11
1.32
3.49
52.51
0.01
-48.26
0.19
-77.17
12.26
0.10
-2.75
3.52
47.60
0.02
-52.88
0.18
-17.48
12.45
0.10
-7.08
3.54
42.70
0.02
-57.45
0.17
77.51
12.64
0.10
-11.05
3.58
37.72
0.02
-64.77
0.16
63.15
12.83
0.10
-15.83
3.62
32.50
0.02
-71.06
0.16
48.80
13.02
0.09
-20.74
3.65
27.22
0.02
-76.93
0.15
33.57
13.21
0.09
-26.37
3.68
21.86
0.02
-82.74
0.15
17.88
13.4
0.08
-33.12
3.72
16.46
0.02
-16.85
0.15
1.73
13.59
0.08
-39.86
3.75
11.01
0.02
85.12
0.15
-13.77
13.78
0.07
-46.40
3.78
5.41
0.02
79.01
0.15
-28.48
13.97
0.07
-54.81
3.80
-0.34
0.02
73.33
0.15
-41.98
14.16
0.06
-64.08
3.81
-6.03
0.02
68.29
0.16
-54.27
14.35
0.05
-72.76
3.82
-11.60
0.02
62.69
0.16
-65.54
14.54
0.05
-47.47
3.84
-17.22
0.02
57.29
0.16
-76.15
14.73
0.04
47.91
3.85
-22.91
0.02
51.71
0.17
-50.08
14.92
0.04
71.00
3.85
-28.64
0.02
46.06
0.17
48.74
15.11
0.03
53.20
3.84
-34.30
0.02
40.76
0.16
76.52
15.3
0.03
33.02
3.84
-39.83
0.02
34.90
0.16
69.26
15.49
0.04
13.93
3.85
-45.39
0.02
29.64
0.16
62.48
15.68
0.04
-4.28
3.85
-51.01
0.02
24.41
0.16
56.54
15.87
0.04
-18.94
3.85
-56.69
0.02
19.88
0.16
50.74
16.06
0.05
-30.60
3.85
-62.28
0.02
14.12
0.15
45.36
16.25
0.05
-41.49
3.85
-67.91
0.03
8.67
0.15
41.50
16.44
0.06
-51.22
3.86
-73.44
0.03
3.54
0.14
37.88
16.63
0.06
-59.08
3.87
-79.17
0.03
-3.05
0.14
35.17
16.82
0.07
-68.00
3.87
-84.87
0.03
-7.81
0.14
31.98
17.01
0.07
-76.62
3.87
-18.55
0.03
-13.42
0.14
28.68
17.2
0.07
-83.90
3.87
83.72
0.03
-18.83
0.13
25.14
17.39
0.07
17.35
3.87
77.99
0.03
-24.46
0.13
22.71
17.58
0.07
82.44
3.88
72.22
0.03
-29.63
0.13
20.43
17.77
0.07
76.96
3.89
66.41
0.03
-35.63
0.13
18.02
17.96
0.07
70.63
3.89
60.59
0.03
-40.03
0.13
15.16
18.15
0.07
62.97
3.89
54.74
0.03
-46.04
0.13
11.60
18.34
0.07
54.75
3.89
48.84
0.03
-51.04
0.13
7.77
18.53
0.06
45.09
3.90
42.97
0.03
-56.89
0.12
4.20
18.72
0.06
34.89
3.90
37.06
0.03
-61.73
0.12
1.11
18.91
0.05
25.38
3.90
31.13
0.03
-67.11
0.12
-3.30
19.1
0.04
14.08
3.91
25.16
0.03
-72.52
0.12
-7.78
19.29
0.04
-0.07
3.91
19.10
0.03
-78.57
0.12
-12.88
19.48
0.03
-17.44
3.92
13.14
0.03
-84.34
0.12
-19.22
19.67
0.02
-45.86
3.93
6.99
0.03
-17.99
0.11
-24.90
19.86
0.02
-13.12
3.95
0.89
0.03
84.17
0.10
-30.45
20
0.03
61.43
3.96
-5.39
0.03
78.45
0.10
-37.05


Similar Part No. - FMA3007

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

Similar Description - FMA3007

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com