Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA246 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMA246
Description  HIGH GAIN X-BAND MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA246 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMA246_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA246_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA246_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA246_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA246_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
FMA246
Preliminary Datasheet v3.0
TYPICAL MEASURED PERFORMANCE:
Note: Measurement Conditions TAMBIENT = 22°C unless otherwise stated; (VDD = +6V, IDD = IOP)
FMA246 Noise Figure
1.80
2.00
2.20
2.40
2.60
2.80
3.00
8.0
9.0
10.0
11.0
12.0
13.0
14.0
Frequency (GHz)
N.F. (dB)
3


Similar Part No. - FMA246_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246 Datasheet
221Kb / 4P
   HIGH-GAIN X-BAND MMIC
More results

Similar Description - FMA246_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246 Datasheet
221Kb / 4P
   HIGH-GAIN X-BAND MMIC
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
ESM5068VU EUDYNA-ESM5068VU Datasheet
222Kb / 16P
   X-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1037 ASB-ASX1037 Datasheet
658Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
List of Unclassifed Man...
FMM5061VF ETC1-FMM5061VF Datasheet
176Kb / 15P
   X-Band Power Amplifier MMIC
logo
Analog Devices
HMC1127 AD-HMC1127 Datasheet
390Kb / 16P
   MMIC, High Gain Power Amplifier
logo
Tyco Electronics
MA03501D MACOM-MA03501D Datasheet
438Kb / 7P
   X-Band Gain/Phase Control MMIC 8.0 -11.0 GHz
logo
Advanced Semiconductor ...
AWG0020 ASB-AWG0020 Datasheet
581Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG3015 ASB-AWG3015 Datasheet
728Kb / 15P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com