Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA246 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FMA246
Description  HIGH GAIN X-BAND MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA246 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMA246 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
FMA246
Preliminary Datasheet v3.0
RECOMMENDED ASSEMBLY SCHEMATIC:
Note:
1The supply de-coupling capacitor (150 pF recommended value) should be placed as close to the MMIC as
practical.
2The configuration shown below will result in operating current bias levels of approximately (for each stage) 50% /
50% / 75%, which is the standard recommended bias setting for the MMIC. For lower current operation, the 3
rd
stage can be set to 50% by bonding to the pad just to the left of the pad that is bonded in the drawing below
(marked “3”), in the right-most set of three bias pads. These number markings are the resistor values (Ohms)
between the pads.
4


Similar Part No. - FMA246

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246 Datasheet
221Kb / 4P
   HIGH-GAIN X-BAND MMIC
More results

Similar Description - FMA246

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246 Datasheet
221Kb / 4P
   HIGH-GAIN X-BAND MMIC
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
ESM5068VU EUDYNA-ESM5068VU Datasheet
222Kb / 16P
   X-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1037 ASB-ASX1037 Datasheet
658Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
List of Unclassifed Man...
FMM5061VF ETC1-FMM5061VF Datasheet
176Kb / 15P
   X-Band Power Amplifier MMIC
logo
Analog Devices
HMC1127 AD-HMC1127 Datasheet
390Kb / 16P
   MMIC, High Gain Power Amplifier
logo
Tyco Electronics
MA03501D MACOM-MA03501D Datasheet
438Kb / 7P
   X-Band Gain/Phase Control MMIC 8.0 -11.0 GHz
logo
Advanced Semiconductor ...
AWG0020 ASB-AWG0020 Datasheet
581Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG3015 ASB-AWG3015 Datasheet
728Kb / 15P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com