Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA246 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMA246
Description  HIGH GAIN X-BAND MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA246 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMA246 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HIGH GAIN X-BAND MMIC AMPLIFIER
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
FMA246
Preliminary Datasheet v3.0
FEATURES:
8.0 – 14.0 GHz Operating Bandwidth
2.5 dB Noise Figure
30 dB Small-Signal Gain
19 dm Output Power
+6V Single Bias Supply
Adjustable Operating Current
DC De-coupled Input and Output Ports
GENERAL DESCRIPTION:
The FMA246 is a 3-stage, reactively matched
pHEMT high-gain MMIC amplifier designed for
use over the 8 to 14 GHz bandwidth. The
supply voltage can be varied from +3V to +6V
if needed. Operating current can be adjusted
using the source resistor ladders located along
the bottom edge, by bonding a particular pad
to ground. The amplifier is unconditionally
stable over all load states (-45 to +85
°C), and
conditionally stable if the input port is open-
circuited.
LAYOUT:
TYPICAL APPLICATIONS:
Low noise front end amplifiers
General X-Band gain block
ELECTRICAL SPECIFICATIONS1:
Note: 1. TAmbient = 22°C; Continuous operation at IDSS is not recommended
2. 60%IDSS is achieved by bonding pads "D", "G", and "K" (shown on page 2) to ground to drive the 1st,
2nd and 3rd stage amplifiers at 50%IDSS, 50%IDSS, and 75%IDSS respectively.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency Bandwidth
BW
8
N/A
14
GHz
Small Signal Gain
S21
VDD = +6 V IDD ≈ 60% IDSS
27
29
31
dB
Operating Current
IOP
VDD = +6V
105
150
195
mA
Small Signal Gain Flatness
ΔS21
VDD = +6 V IDD ≈ 60% IDSS
2
± 0.6
± 1.0
dB
Noise Figure
NF
VDD = +6 V IDD ≈ 60% IDSS
2
-
2.5
2.8
dB
3rd Order Intermodulation Distortion
IMD
VDD = +6 V IDD ≈ 60% IDSS
2
POUT = +9 dBm SCL
-
-44
-
dBc
Power at 1dB Compression
P1dB
VDD = +6 V IDD ≈ 60% IDSS
2
18
20
-
dBm
Input Return Loss
S11
VDD = +6 V IDD ≈ 60% IDSS
2
-
-10
-8
dB
Output Return Loss
S22
VDD = +6 V IDD ≈ 60% IDSS
2
-
-16
-9
dB
Reverse Isolation
S12
VDD = +6 V IDD ≈ 60% IDSS
2
-
-60
-50
dB


Similar Part No. - FMA246

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246 Datasheet
221Kb / 4P
   HIGH-GAIN X-BAND MMIC
More results

Similar Description - FMA246

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246 Datasheet
221Kb / 4P
   HIGH-GAIN X-BAND MMIC
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
ESM5068VU EUDYNA-ESM5068VU Datasheet
222Kb / 16P
   X-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1037 ASB-ASX1037 Datasheet
658Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
List of Unclassifed Man...
FMM5061VF ETC1-FMM5061VF Datasheet
176Kb / 15P
   X-Band Power Amplifier MMIC
logo
Analog Devices
HMC1127 AD-HMC1127 Datasheet
390Kb / 16P
   MMIC, High Gain Power Amplifier
logo
Tyco Electronics
MA03501D MACOM-MA03501D Datasheet
438Kb / 7P
   X-Band Gain/Phase Control MMIC 8.0 -11.0 GHz
logo
Advanced Semiconductor ...
AWG0020 ASB-AWG0020 Datasheet
581Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG3015 ASB-AWG3015 Datasheet
728Kb / 15P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com