Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA246 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMA246
Description  HIGH GAIN X-BAND MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA246 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMA246 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA246 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
FMA246
Preliminary Datasheet v3.0
ABSOLUTE MAXIMUM RATING1:
Notes:
1TAmbient = 22°C unless otherwise noted; exceeding any one of these absolute maximum ratings may cause
permanent damage to the device
2Total Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT,
where PDC: DC Bias Power, PIN: RF Input Power, POUT: RF Output Power
3Total Power Dissipation to be de-rated as follows above 22°C:
PTOT= 1.4 - (0.004W/°C) x TCARRIER
where TCARRIER= carrier or heatsink temperature above 22°C
(coefficient of de-rating formula is the Thermal Conductivity)
Example: For a 55
°C carrier temperature: PTOT = 1.4 - (0.004 x (55 – 22)) = 1.26W
4Users should avoid exceeding 80% of 2 or more Limits simultaneously
5For optimum heatsinking eutectic die attach is recommended; conductive epoxy die attach is acceptable with
some degradation in thermal de-rating performance (PTOT = 550mW)
6Thermal Resistivity: The nominal value of 250°C/W is stated for the input stage, which will reach temperature
limits before the output stage. The aggregate MMIC thermal resistivity is approximately 80
°C/W.
PAD LAYOUT:
2
Note: Co-ordinates are referenced from the bottom left
hand corner of the die to the centre of bond pad opening
PARAMETER
SYMBOL
TEST CONDITIONS
ABSOLUTE MAXIMUM
Supply Voltage
VDD
For any operating current
8V
Supply Current
IDD
For VDD < 7V
75% IDSS
RF Input Power
PIN
For standard bias conditions
-8dBm
Storage Temperature
TSTG
Non-Operating Storage
-40°C to 150°C
Total Power Dissipation
2,3
PTOT
See De-Rating Note below
1400mW
Gain Compression
Comp.
Under any bias conditions
5dB
Simultaneous Combination of Limits
4
2 or more Max. Limits
80%
PAD
NAME
DESCRIPTION
PIN
COORDINATES
(µm)
A
IN
RFIN
104, 836
B
B
ROUT
1962, 822
C
VD
Drain Voltage
770, 1522
D-F
Stage 1: Source
bias resistors
415/556/696,143
G-I
Stage 2: Source
bias resistors
821/962/1102,143
J-L
Stage 3: Source
bias resistors
1234/1374/1513, 143
DIE SIZE
(
μm)
DIE THICKNESS (
μm)
MIN. BOND PAD PITCH
(
μm)
MIN. BOND PAD OPENING
(
μm x μm )
1624 x 2050
100
100
100 x 100
C
A
B
D E F G H I J K L


Similar Part No. - FMA246

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246 Datasheet
221Kb / 4P
   HIGH-GAIN X-BAND MMIC
More results

Similar Description - FMA246

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246 Datasheet
221Kb / 4P
   HIGH-GAIN X-BAND MMIC
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
ESM5068VU EUDYNA-ESM5068VU Datasheet
222Kb / 16P
   X-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1037 ASB-ASX1037 Datasheet
658Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
List of Unclassifed Man...
FMM5061VF ETC1-FMM5061VF Datasheet
176Kb / 15P
   X-Band Power Amplifier MMIC
logo
Analog Devices
HMC1127 AD-HMC1127 Datasheet
390Kb / 16P
   MMIC, High Gain Power Amplifier
logo
Tyco Electronics
MA03501D MACOM-MA03501D Datasheet
438Kb / 7P
   X-Band Gain/Phase Control MMIC 8.0 -11.0 GHz
logo
Advanced Semiconductor ...
AWG0020 ASB-AWG0020 Datasheet
581Kb / 13P
   30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG3015 ASB-AWG3015 Datasheet
728Kb / 15P
   50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com