Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA219 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMA219
Description  X-BAND LNA MMIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA219 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMA219_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA219_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA219_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA219_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA219_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
X-BAND LNA MMIC
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
Datasheet v3.0
FMA219
FEATURES:
7.0 – 11.0 GHz Operating Bandwidth
1.1 dB Noise Figure
21 dB Small-Signal Gain
12 dBm Output Power
+3V Single Bias Supply
DC De-coupled Input and Output Ports
GENERAL DESCRIPTION:
The FMA219 is a 2-stage, reactively matched
pHEMT low-noise MMIC amplifier designed for
use over 7.0 to 11.0 GHz. The amplifier
requires a single +3V supply and one off-chip
component for supply de-coupling. Both the
input and output ports are DC de-coupled.
Grounding of the amplifier is provided by
plated thru-vias to the bottom of the die, no
additional ground is required. The amplifier is
unconditionally stable over all load states (-45
to +85
°C), and conditionally stable if the input
port is open-circuited.
LAYOUT:
YPICAL
APPLICATIONS:
lifiers
T
Low noise front end amp
General X-Band gain block
ELECTRICAL SPECIFICATIONS:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency Bandwidth
BW
VDD = +3 V IDD = IOP
7
11
GHz
Small Signal Gain
S21
VDD = +3 V IDD = IOP
19
21
23
dB
Operating Current
IOP
No RF input
50
65
80
mA
Small Signal Gain Flatness
∆S21
VDD = +3 V IDD = IOP
±0.5
±0.8
Noise Figure
NF
VDD = +3 V, IDD = IOP
1.1
1.4
dB
3rd Order Intermodulation Distortion
IMD
VDD = +3 V, IDD = IOP
POUT = +1.5 dBm SCL
-47
dBc
Power at 1dB Compression
P1dB
VDD = +3 V
11.5
12.5
dBm
Input Return Loss
Input Return Loss @ 9.5GHz + 10GHz
S11
S11(9.5+10GHz)
VDD = +3 V IDD = IOP
VDD = +3 V IDD = IOP
-7
-3
-4
dB
dB
Output Return Loss
S22
VDD = +3 V IDD = IOP
-16
-10
dB
Reverse Isolation
S12
VDD = +3 V IDD = IOP
-40
-30
dB
Note: TAMBIENT = 22°C


Similar Part No. - FMA219_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA219 FILTRONIC-FMA219 Datasheet
328Kb / 5P
   X-BAND LNA MMIC
More results

Similar Description - FMA219_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA219 FILTRONIC-FMA219 Datasheet
328Kb / 5P
   X-BAND LNA MMIC
logo
DAICO Industries, Inc.
DAML6231 DAICO-DAML6231 Datasheet
96Kb / 1P
   X-Band LNA
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1138HA8 NJRC-NJG1138HA8 Datasheet
509Kb / 14P
   900MHz Band LNA GaAs MMIC
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
logo
Fujitsu Component Limit...
FMM5701LG FUJITSU-FMM5701LG Datasheet
79Kb / 6P
   LNA MMIC
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226_17 Datasheet
1Mb / 22P
   MMIC LNA
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com