Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADTL084ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADTL084ARZ
Description  Low Cost JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTL084ARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADTL084ARZ Datasheet HTML 3Page - Analog Devices ADTL084ARZ Datasheet HTML 4Page - Analog Devices ADTL084ARZ Datasheet HTML 5Page - Analog Devices ADTL084ARZ Datasheet HTML 6Page - Analog Devices ADTL084ARZ Datasheet HTML 7Page - Analog Devices ADTL084ARZ Datasheet HTML 8Page - Analog Devices ADTL084ARZ Datasheet HTML 9Page - Analog Devices ADTL084ARZ Datasheet HTML 10Page - Analog Devices ADTL084ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADTL082/ADTL084
Rev. B | Page 7 of 12
–6
–4
–2
0
2
4
6
–2
0
2
4
6
8
10
VSY = ±15V
RL = 2kΩ
CL = 100pF
TA = 25°C
TIME (µs)
OUTPUT
INPUT
Figure 17. Large Signal Response
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
VSY = ±15V
RL = 2kΩ
CL = 100pF
TA = 25°C
ELAPSED TIME (µs)
Figure 18. Small Signal Response
89
90
91
92
93
94
95
VSY = ±15V
–55
–35
–15
5
25
45
65
85
105
125
TA FREE-AIR TEMPERATURE (°C)
Figure 19. Common-Mode Rejection Ratio vs. Free-Air Temperature
0
10
20
30
40
50
60
70
80
90
VSY = ±15V
AV = 1k
TA = 25°C
10
100
1k
10k
1
FREQUENCY (Hz)
Figure 20. Voltage Noise Density vs. Frequency
0.0001
0.001
0.01
0.1
1
VSY = ±15V
AV = 1
Vi (rms) = 6V
TA = 25°C
100
1000
10000
100000
10
FREQUENCY (Hz)
Figure 21. Total Harmonic Distortion vs. Frequency


Similar Part No. - ADTL084ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADTL084ARZ AD-ADTL084ARZ Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
ADTL084ARZ AD-ADTL084ARZ Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL084ARZ-REEL AD-ADTL084ARZ-REEL Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
ADTL084ARZ-REEL1 AD-ADTL084ARZ-REEL1 Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL084ARZ-REEL7 AD-ADTL084ARZ-REEL7 Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
More results

Similar Description - ADTL084ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com