Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM1-1 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # TM1-1
Description  RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL OPTIMIZED BANDWIDTH 0.4 - 500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

TM1-1 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  TM1-1 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION TM1-1 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION TM1-1 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
RF IMPEDANCE TRANSFORMER
SURFACE MOUNT MODEL: TM1-1
OPTIMIZED BANDWIDTH
0.4 - 500 MHz
0
5
10
15
20
25
30
0.4
100.4
200.4
300.4
400.4
500.4
Frequency (MHz)
0
0.5
1
1.5
2
2.5
3
0.4
100.4
200.4
300.4
400.4
500.4
Frequency (MHz)
S21
S31


Similar Part No. - TM1-1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM1-0 SYNERGY-TM1-0 Datasheet
245Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 0.30 - 1000 MHz
TM1-2 SYNERGY-TM1-2 Datasheet
315Kb / 3P
   RF IMPEDANCE TRANSFORMER
TM1-3 SYNERGY-TM1-3 Datasheet
244Kb / 3P
   RF IMPEDANCE TRANSFORMER
logo
Microsemi Corporation
TM1-4 MICROSEMI-TM1-4 Datasheet
201Kb / 4P
   Positive - Temperature - Coefficient Silicon Thermistors
TM1-4270J MICROSEMI-TM1-4270J Datasheet
201Kb / 4P
   Positive - Temperature - Coefficient Silicon Thermistors
More results

Similar Description - TM1-1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM4-1 SYNERGY-TM4-1 Datasheet
248Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 10 - 1000 MHz
TM8-GT SYNERGY-TM8-GT Datasheet
256Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1000 MHz
TM4-GT SYNERGY-TM4-GT Datasheet
251Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1000 MHz
TM4-0 SYNERGY-TM4-0 Datasheet
245Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 0.2 - 350 MHz
TM1-6 SYNERGY-TM1-6 Datasheet
256Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 3000 MHz
TM2-GT SYNERGY-TM2-GT Datasheet
226Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1500 MHz
TM2-1 SYNERGY-TM2-1 Datasheet
246Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 1 - 600 MHz
TM1-0 SYNERGY-TM1-0 Datasheet
245Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 0.30 - 1000 MHz
logo
List of Unclassifed Man...
SFM-2A-1 ETC2-SFM-2A-1 Datasheet
262Kb / 5P
   OPTIMIZED BANDWIDTH SURFACE MOUNT MODEL
logo
SYNERGY MICROWAVE CORPO...
SLQ-K10 SYNERGY-SLQ-K10 Datasheet
334Kb / 4P
   90쨘 HYBRID SURFACE MOUNT optimized bandwidth 500 - 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com