Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12L066 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12L066
Description  12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L066 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC12L066 Datasheet HTML 4Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 5Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 6Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 7Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 8Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 9Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 10Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 11Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Converter Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V,
V
DR = +2.5V, PD = 0V, VREF = +1.0V, VCM = 1.0V, fCLK = 66 MHz, tr =tf = 2 ns, CL = 15 pF/pin. Boldface limits apply for TJ
=T
MIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9, 10)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
SFDR
Spurious Free Dynamic Range
f
IN = 10 MHz, VIN =
−0.5 dBFS
85˚C
80
73
25˚C
73
dB (min)
−40˚C
68
f
IN = 25 MHz, VIN =
−0.5 dBFS
73
dB
f
IN = 150 MHz, VIN
= −6 dBFS
85˚C
74
66
25˚C
66
dB (min)
−40˚C
56
f
IN = 240 Hz, VIN =
−6 dBFS
61
dB
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V,
V
DR = +2.5V, PD = 0V, VREF = +1.0V, VCM = 1.0V, fCLK = 66 MHz, tr =tf = 2 ns, CL = 15 pF/pin. Boldface limits apply for TJ
=T
MIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9, 10)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
CLK, PD, OE DIGITAL INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
D = 3.3V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
D = 3.3V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN+,VIN− = 3.3V
10
µA
I
IN(0)
Logical “0” Input Current
V
IN+,VIN− = 0V
−10
µA
C
IN
Digital Input Capacitance
5
pF
D0–D11 DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
I
OUT = −0.5 mA
V
DR
0.18
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = 1.6 mA
0.4
V (max)
I
OZ
TRI-STATE Output Current
V
OUT = 3.3V
100
nA
V
OUT = 0V
−100
nA
+I
SC
Output Short Circuit Source
Current
V
OUT = 0V
−20
mA
−I
SC
Output Short Circuit Sink Current
V
OUT = 2.5V
20
mA
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
PD Pin = DGND, V
REF = 1.0V
PD Pin = V
DR
103
4
139
mA (max)
mA
I
D
Digital Supply Current
PD Pin = DGND
PD Pin = V
DR
5.3
2
6.2
mA (max)
mA
I
DR
Digital Output Supply Current
PD Pin = DGND, (Note 14)
PD Pin = V
DR
<1
0
mA
mA
Total Power Consumption
PD Pin = DGND, C
L = 0 pF (Note 15)
PD Pin = V
DR
357
50
479
mW (max)
mW
PSRR1
Power Supply Rejection
Rejection of Full-Scale Error with
V
A = 3.0V vs. 3.6V
58
dB
www.national.com
8


Similar Part No. - ADC12L066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L066 TI1-ADC12L066 Datasheet
1Mb / 36P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
ADC12L066 TI1-ADC12L066 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12L066CIVY NSC-ADC12L066CIVY Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L066CIVY/NOPB TI1-ADC12L066CIVY/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
More results

Similar Description - ADC12L066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040_14 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com