Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14L020EVAL Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14L020EVAL
Description  14-Bit, 20MSPS, 150 mW A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14L020EVAL Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC14L020EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC14L020EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC14L020EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC14L020EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC14L020EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC14L020EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC14L020EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC14L020EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC14L020EVAL Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AC Electrical Characteristics (Continued)
Note 11: Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through positive and negative
full-scale.
Note 12: Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge.
Note 13: Optimum performance will be obtained by keeping the reference input in the 0.8V to 1.2V range. The LM4051CIM3-ADJ (SOT-23 package) is
recommended for external reference applications.
Note 14: IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins, the supply voltage,
VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 xf0 +C1 xf1 +....C11 xf11) where VDR is the output driver power supply
voltage, Cn is total capacitance on the output pin, and fn is the average frequency at which that pin is toggling.
Note 15: Excludes IDR. See note 14.
www.national.com
8


Similar Part No. - ADC14L020EVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14L020EVAL NSC-ADC14L020EVAL Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
More results

Similar Description - ADC14L020EVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
STMicroelectronics
TSA1401 STMICROELECTRONICS-TSA1401 Datasheet
523Kb / 19P
   14-BIT, 20MSPS, 85mW A/D CONVERTER
logo
Murata Power Solutions ...
ADSD-1420S MURATA-PS-ADSD-1420S Datasheet
117Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Delta Electronics, Inc.
ADSD1420S DELTA-ADSD1420S Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
STMicroelectronics
RHF1401 STMICROELECTRONICS-RHF1401 Datasheet
453Kb / 29P
   Rad-hard 14-bit 20Msps 85mW A/D converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020 Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
logo
Sony Corporation
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
   10-bit 20MSPS A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com