Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC081S021CISDX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC081S021CISDX
Description  Single Channel, 50 to 200ksps, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081S021CISDX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC081S021CISDX Datasheet HTML 6Page - National Semiconductor (TI) ADC081S021CISDX Datasheet HTML 7Page - National Semiconductor (TI) ADC081S021CISDX Datasheet HTML 8Page - National Semiconductor (TI) ADC081S021CISDX Datasheet HTML 9Page - National Semiconductor (TI) ADC081S021CISDX Datasheet HTML 10Page - National Semiconductor (TI) ADC081S021CISDX Datasheet HTML 11Page - National Semiconductor (TI) ADC081S021CISDX Datasheet HTML 12Page - National Semiconductor (TI) ADC081S021CISDX Datasheet HTML 13Page - National Semiconductor (TI) ADC081S021CISDX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical Performance Characteristics T
A = +25˚C, fSAMPLE = 50 ksps to 200 ksps,
fSCLK = 1 MHz to 4 MHz, fIN = 100 kHz unless otherwise stated. (Continued)
Total Unadjusted Error vs. Clock Frequency
V
A = 3.0V or 5.0V
SNR vs. Clock Frequency
20145467
20145463
SINAD vs. Clock Frequency
SFDR vs. Clock Frequency
20145464
20145472
THD vs. Clock Frequency
Spectral Response, V
A =5V
f
SCLK = 1 MHz
20145468
20145469
www.national.com
10


Similar Part No. - ADC081S021CISDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC081S021CISDX/NOPB TI1-ADC081S021CISDX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
More results

Similar Description - ADC081S021CISDX

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1534 AMSCO-AS1534 Datasheet
351Kb / 2P
   12-bit, 8-Channel, Low-Power, 200ksps A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
ADC081S101-MIL TI1-ADC081S101-MIL Datasheet
430Kb / 24P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 8-Bit A/D Converter
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com