Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP77 Datasheet(PDF) 5 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 5 Page - Analog Devices

  OP77_02 Datasheet HTML 1Page - Analog Devices OP77_02 Datasheet HTML 2Page - Analog Devices OP77_02 Datasheet HTML 3Page - Analog Devices OP77_02 Datasheet HTML 4Page - Analog Devices OP77_02 Datasheet HTML 5Page - Analog Devices OP77_02 Datasheet HTML 6Page - Analog Devices OP77_02 Datasheet HTML 7Page - Analog Devices OP77_02 Datasheet HTML 8Page - Analog Devices OP77_02 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. C
–5–
OP77
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
OP77E
OP77F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
V
J. Z Packages
10
45
20
100
mV
10
55
20
100
AVERAGE INPUT OFFSET
TVCOS
J. Z Packages
0.1
0.3
0.2
0.6
mV/∞C
VOLTAGE DRIFT
1
0 3
0.6
0.4
1.0
INPUT OFFSET CURRENT
IOS
0.5
2.2
0.5
4.5
nA
AVERAGE INPUT OFFSET
CURRENT DRIFT
2
TCIOS
1.5
4.0
1.5
85
pA/ C
INPUT BIAS CURRENT
IB
E, F
-0.2
2.4
4.0
-0.2
2.4
6.0
nA
AVERAGE INPUT BIAS
CURRENT DRIFT2
TCIB
840
15
60
pA/
∞C
INPUT VOLTAGE RANGE
IVR
13.0
13.5
13.0
13.5
V
COMMON-MODE
REJECTION RATIO
CMRR
VCM =
13 V
0.1
1.0
0.1
3.0
pVlV
POWER SUPPLY
REJECTION RATIO
PSRR
VS =
3 V to
18 V
1.0
3.0
1.0
5.0
mV/V
LARGE-SIGNAL
VOLTAGE GAIN
AVO
RL
≥ 2 kW
2000
6000
1000
4000
V/mV
VO =
10 V
OUTPUT VOLTAGE SWING
VO
RL
≥ 2 kW
12
13.0
12
13.0
V
POWER CONSUMPTION
Pd
VS =
15 V, No Load
60
75
60
75
mW
NOTES
1OP77E: TCV
OS is 100% tested on J and Z packages.
2Guaranteed by end-point limits.
(@ Vs =
15 V, –25 C
£ TA £ +85 C for OP77E/FJ and OP77E/FZ, unless otherwise noted.)


Similar Part No. - OP77_02

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP770A OPTEK-OP770A Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
logo
TT Electronics.
OP770A TTELEC-OP770A Datasheet
1Mb / 6P
   NPN Silicon Phototransistor
logo
OPTEK Technologies
OP770B OPTEK-OP770B Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
logo
TT Electronics.
OP770B TTELEC-OP770B Datasheet
1Mb / 6P
   NPN Silicon Phototransistor
logo
OPTEK Technologies
OP770C OPTEK-OP770C Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
More results

Similar Description - OP77_02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77_15 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
5962-8773802PA AD-5962-8773802PA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com