Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5971 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5971
Description  1.5A STEP DOWN SWITCHING REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5971 Datasheet(HTML) 5 Page - STMicroelectronics

  L5971 Datasheet HTML 1Page - STMicroelectronics L5971 Datasheet HTML 2Page - STMicroelectronics L5971 Datasheet HTML 3Page - STMicroelectronics L5971 Datasheet HTML 4Page - STMicroelectronics L5971 Datasheet HTML 5Page - STMicroelectronics L5971 Datasheet HTML 6Page - STMicroelectronics L5971 Datasheet HTML 7Page - STMicroelectronics L5971 Datasheet HTML 8Page - STMicroelectronics L5971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
D98IN832C
5(11)
2(3)
8(14)
4(5,6)
1(2)
L5971
C1
47µF
30V
C8
330
µF
VO=2.5V/1.5A
Vi=6V to 28V
R1
22K
C2
1.2nF
R2
9.1K
C4
22nF
3(4)
7(13)
L1
30
µH
6(12)
D1
STPS
3L40U
C5
47nF
C6
100nF
R3
R4
Figure 1. Test and valutation board circuit.
VO (V)
R3 (K
Ω)R4 (KΩ)
1.8
1
2
1.5
0.5
2
2.5
2
2
3.3
8.2
4.7
5.1
12
3.6
12
27
3
15
23
2
Figure 2. PCB and component layout of the figure 1.
SOLDER SIDE
COMPONENT SIDE
L5971
5/11


Similar Part No. - L5971

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5970 STMICROELECTRONICS-L5970 Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
L5970AD STMICROELECTRONICS-L5970AD Datasheet
135Kb / 11P
   1.5A SWITCH STEP DOWN SWITCHING REGULATOR
L5970ADTR STMICROELECTRONICS-L5970ADTR Datasheet
135Kb / 11P
   1.5A SWITCH STEP DOWN SWITCHING REGULATOR
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
L5970D STMICROELECTRONICS-L5970D Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
More results

Similar Description - L5971

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2000
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2005 Rev. 11
logo
Linear Technology
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com