Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP77EZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP77EZ
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77EZ Datasheet(HTML) 4 Page - Analog Devices

  OP77EZ Datasheet HTML 1Page - Analog Devices OP77EZ Datasheet HTML 2Page - Analog Devices OP77EZ Datasheet HTML 3Page - Analog Devices OP77EZ Datasheet HTML 4Page - Analog Devices OP77EZ Datasheet HTML 5Page - Analog Devices OP77EZ Datasheet HTML 6Page - Analog Devices OP77EZ Datasheet HTML 7Page - Analog Devices OP77EZ Datasheet HTML 8Page - Analog Devices OP77EZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. C
–4–
OP77–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
OP77E
OP77F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
10
25
20
60
mV
LONG-TERM
STABILITY1
VOS/Time
0.3
0.4
mV/Mo
INPUT OFFSET CURRENT
IOS
0.3
1.5
0.3
2.8
nA
INPUT BIAS CURRENT
IB
–0.2
1.2
2.0
–0.2
1.2
2.8
nA
INPUT NOISE VOLTAGE
2
enp-p
0.1 Hz to 10 Hz
0.35 0.6
0.38
0.65
mVp-p
INPUT NOISE
VOLTAGE DENSITY
en
fO = 10 Hz
10.3
18.0
10.5
20.0
nV/
÷Hz
fO = 100 Hz
2
10.0
13.0
10.2
13.5
fO = 1000 Hz
9.6
11.0
9.8
11.5
INPUT NOISE CURRENT
2
inp-p
0.1 Hz to 10 Hz
14
30
15
35
pAp-p
INPUT NOISE
CURRENT DENSITY
in
fO = 10 Hz
0.32
0.80
0.35
0.90
pA
÷Hz
fO = 100 Hz
2
0.14
0.23
0.15
0.27
fO = 1000 Hz
0.12
0.17
0.13
0.18
INPUT RESISTANCE
Differential Mode
3
RIN
26
45
18.5
45
M
W
Common Mode
RINCM
200
200
G
W
INPUT RESISTANCE
Common Mode
RINCM
200
200
G
W
INPUT VOLTAGE RANGE
IVR
13
14
13
14
V
COMMON-MODE
REJECTION RATIO
CMRR
VCM =
13 V
0.1
1.0
0.1
1.6
mV/V
POWER SUPPLY
REJECTION RATIO
PSRR
VS = 3 V to 18 V
0.7
3.0
0.7
3.0
mV/V
LARGE-SIGNAL
VOLTAGE GAIN
AVO
RL
≥ 2 k
5000
12000
2000
6000
V/mV
OUTPUT VOLTAGE
SWING
VO
RL
≥ 10 k
13.5
14.0
13.5
14.0
V
RL
≥ 2 k
12.5
13.0
12.5
13.0
RL
≥ 1 k
12.0
12.5
12.0
12.5
SLEW RATE2
SR
RL
≥ 2 k
0.1
0.3
0.1
0.3
V/
ms
CLOSED-LOOP
BANDWIDTH
2
BW
AVCL 1
0.4
0.6
0.4
0.6
MHz
OPEN-LOOP OUTPUT
RESISTANCE
RO
60
60
W
POWER CONSUMPTION
Pd
VS =
15 V, No Load
50
60
50
60
VS =
3 V, No Load
3.5
4.5
3.5
4.5
mW
OFFSET ADJUSTMENT
RANGE
Rp = 20 kn
3
3mV
NOTES
1Long-Term Input Offset Voltage Stability refers to the averaged trend line of V
OS vs. Time over extended periods after the first 30 days of operation. Excluding the
initial hour of operation, changes in VOS during the first 30 operating days are typically 2.5
mV.
2Sample tested.
3Guaranteed by design.
(@ Vs =
15 V, TA = 125 C, unless otherwise noted.)


Similar Part No. - OP77EZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77EZ AD-OP77EZ Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77EZ AD-OP77EZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77EZ AD-OP77EZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77EZ AD-OP77EZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
More results

Similar Description - OP77EZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77_15 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
5962-8773802PA AD-5962-8773802PA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com