Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP77EZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP77EZ
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77EZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP77EZ Datasheet HTML 7Page - Analog Devices OP77EZ Datasheet HTML 8Page - Analog Devices OP77EZ Datasheet HTML 9Page - Analog Devices OP77EZ Datasheet HTML 10Page - Analog Devices OP77EZ Datasheet HTML 11Page - Analog Devices OP77EZ Datasheet HTML 12Page - Analog Devices OP77EZ Datasheet HTML 13Page - Analog Devices OP77EZ Datasheet HTML 14Page - Analog Devices OP77EZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. C
OP77
–11–
APPLICATIONS INFORMATION
7
2
3
4
6
R2
1M
+15V
0.1 F
–15V
R4
R3
R1
1k
1M
0.1 F
1k
OP77E
Figure 7. Precision High-Gain Differential Amplifier
The high gain, gain linearity, CMRR, and low TCVos of the
OP77 make it possible to obtain performance not previously
available in single-stage very high-gain amplifier applications.
For best CMR,
R
R
1
2
must equal
R
R
3
4
. In this example,
with a 10 mV differential signal, the maximum errors are as listed
in Table I.
Table I. Maximum Errors
TYPE
AMOUNT
COMMON-MODE VOLTAGE
0.01%/V
GAIN LINEARITY, WORST CASE
0.02%
TCVOS
0.003%/
∞C
TCI OS
0.008%/
∞C
2
3
6
RF
INPUT
OP77
CLOAD
+15V
–15V
100
RS
OUTPUT
10pF
0.1 F
0.1 F
4
7
Figure 8. Isolating Large Capacitive Loads
This circuit reduces maximum slew-rate but allows driving
capacitive loads of any size without instability. Because the boon
resistor is inside the feedback loop, its effect on output imped-
ance is reduced to insignificance by the high open-loop gain
of the OP77.
Bilateral Current Source
2
3
6
R2
990
R4
R3
R1
10
OP77
100k
1k
100k
R5
VIN
IOUT < 15mA
Figure 9. Basic Current Source
2
3
6
R2
R4
R3
R1
OP77
R5
VIN
IOUT < 100mA
+15V
–15V
2N2907
2N2222
IOUT = VIN
R3
R1 – R5
(
)
GIVEN R3 = R4
R5, R1 = R2
Figure 10. 100 mA Current Source
These current sources will supply both positive and negative
current into a grounded load.
Note that Z
R
R
R
RR
R
R
R
O
=
+
Ê
ËÁ
ˆ
¯˜
+
5
4
2
1
54
2
3
1
and that for ZO to be infinite,


Similar Part No. - OP77EZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77EZ AD-OP77EZ Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77EZ AD-OP77EZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77EZ AD-OP77EZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77EZ AD-OP77EZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
More results

Similar Description - OP77EZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77_15 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
5962-8773802PA AD-5962-8773802PA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com