Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP77FZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP77FZ
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77FZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP77FZ Datasheet HTML 2Page - Analog Devices OP77FZ Datasheet HTML 3Page - Analog Devices OP77FZ Datasheet HTML 4Page - Analog Devices OP77FZ Datasheet HTML 5Page - Analog Devices OP77FZ Datasheet HTML 6Page - Analog Devices OP77FZ Datasheet HTML 7Page - Analog Devices OP77FZ Datasheet HTML 8Page - Analog Devices OP77FZ Datasheet HTML 9Page - Analog Devices OP77FZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. C
–6–
OP77–SPECIFICATIONS
OP77N
Parameter
Symbol
Conditions
Limit
Unit
INPUT OFFSET VOLTAGE
VOS
40
mV Max
INPUT OFFSET CURRENT
IOS
2.0
nA Max
INPUT BIAS CURRENT
IB
±2
nA Max
INPUT RESISTANCE
Differential Mode
RIN
26
M
W Min
INPUT VOLTAGE RANGE
IVR
±13
V Min
COMMON-MODE REJECTION RATIO
CMRR
VCM =
±13 V
1
mV/V Max
POWER SUPPLY REJECTION RATIO
PSRR
VS =
±3 V to ±18 V
3
mV/VMax
OUTPUT VOLTAGE SWING
VO
RL = 10 k
W±13.5
V Min
RL = 2 k
W±12.5
RL = 1 k
W±12.0
LARGE-SIGNAL VOLTAGE GAIN
AVO
RL = 2 k
W
2000
V/mV Min
VO =
±10 V
DIFFERENTIAL INPUT VOLTAGE
±30
V Max
POWER CONSUMPTION
Pd
VOUT = 0 V
60
mW Max
NOTES
1Guaranteed by design.
2Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
WAFER TEST LIMITS (@ V
s =
15 V, TA = 25 C, for OP77N devices, unless otherwise noted.)
TYPICAL ELECTRICAL CHARACTERISTICS (@ V
s =
15 V, TA = 25 C, unless otherwise noted.)
OP77N
Parameter
Symbol
Conditions
Limit
Unit
AVERAGE INPUT OFFSET VOLTAGE DRIFT
TCVOS
RS = 50
W
0.1
mV/OC
NULLED INPUT OFFSET VOLTAGE DRIFT
TCVOSn
RS = 50
W, RP = 20 kW
0.1
mV/∞C
AVERAGE INPUT OFFSET CURRENT DRIFT
TCIOS
0.5
pA/
∞C
SLEW RATE
SR
RL
≥ 2 kW
0.3
V/
ms
BANDWIDTH
BW
AVCL + 1
0.6
MHz


Similar Part No. - OP77FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77FZ AD-OP77FZ Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77FZ AD-OP77FZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77FZ AD-OP77FZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77FZ AD-OP77FZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
More results

Similar Description - OP77FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77_15 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
5962-8773802PA AD-5962-8773802PA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com