Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMQ-CA38 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # SMQ-CA38
Description  QUADRATURE HYBRID OPTIMIZED BANDWIDTH 127.72 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SMQ-CA38 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  SMQ-CA38 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SMQ-CA38 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail:sales@synergymwave.com•WorldWideWeb:http://www.synergymwave.com
Copyright © 2003 Synergy Microwave Corporation
OPTIMIZED BANDWIDTH
127.72 MHz
QUADRATURE HYBRID
MODEL SMQ-CA38
MECHANICAL OUTLINE: 129
Operating Frequency:
127.72 MHz
Insertion Loss:
0.2 dB (Typ)/0.4 dB (Max)
Amplitude Unbalance:
0.2 dB (Max)
Phase Unbalance:
2º (Max)
Isolation:
20 dB (Typ)/17 dB (Min)
Input Power Rating:
100 mW (Max)
Impedance:
50 Ohms
VSWR :
1.3:1 (Typ)
Operating Temp. Range:
-30o to +85oC
SPECIFICATIONS
PIN-OUT
Input
1
+90º Output
6
0º Output
3
Isolated*
4
Ground
All others
*Terminate Isolated port in
50 Ohms externally


Similar Part No. - SMQ-CA38

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SMQ-C01 SYNERGY-SMQ-C01 Datasheet
376Kb / 4P
   90쨘 HYBRID
SMQ-C02 SYNERGY-SMQ-C02 Datasheet
342Kb / 4P
   90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
SMQ-C03 SYNERGY-SMQ-C03 Datasheet
461Kb / 4P
   2:1 bandwidth
SMQ-C04 SYNERGY-SMQ-C04 Datasheet
472Kb / 4P
   90쨘 HYBRID
SMQ-C05 SYNERGY-SMQ-C05 Datasheet
372Kb / 4P
   90쨘 HYBRID
More results

Similar Description - SMQ-CA38

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SMQ-C12 SYNERGY-SMQ-C12 Datasheet
264Kb / 4P
   90쨘 HYBRID SURFACE MOUNT OPTIMIZED BANDWIDTH 127.72 MHz
SLQ-K04 SYNERGY-SLQ-K04 Datasheet
63Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
SLQ-K02 SYNERGY-SLQ-K02 Datasheet
82Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
SLQ-KH1 SYNERGY-SLQ-KH1 Datasheet
59Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 30 - 60 MHz
SLQ-K07 SYNERGY-SLQ-K07 Datasheet
66Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 225 - 400 MHz
SLQ-330 SYNERGY-SLQ-330 Datasheet
60Kb / 2P
   QUADRATURE HYBRID 3:1 BANDWIDTH 240 - 720 MHz
SLQ-303 SYNERGY-SLQ-303 Datasheet
67Kb / 2P
   QUADRATURE HYBRID 3:1 BANDWIDTH 30 - 90 MHz
SLQ-303-1 SYNERGY-SLQ-303-1 Datasheet
67Kb / 2P
   QUADRATURE HYBRID 3:1 BANDWIDTH 30 - 90 MHz
SLQ-302 SYNERGY-SLQ-302 Datasheet
64Kb / 2P
   QUADRATURE HYBRID 3:1 BANDWIDTH 20 - 60 MHz
SMQ-C23-02 SYNERGY-SMQ-C23-02 Datasheet
76Kb / 2P
   90쨘 HYBRID COUPLER OPTIMIZED BANDWIDTH 50 - 90 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com