Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8646ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8646ARZ
Description  24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646ARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8646ARZ Datasheet HTML 3Page - Analog Devices AD8646ARZ Datasheet HTML 4Page - Analog Devices AD8646ARZ Datasheet HTML 5Page - Analog Devices AD8646ARZ Datasheet HTML 6Page - Analog Devices AD8646ARZ Datasheet HTML 7Page - Analog Devices AD8646ARZ Datasheet HTML 8Page - Analog Devices AD8646ARZ Datasheet HTML 9Page - Analog Devices AD8646ARZ Datasheet HTML 10Page - Analog Devices AD8646ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8646/AD8647/AD8648
Rev. B | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
300
250
200
150
100
50
0
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VOS (mV)
VSY = 2.7V
VCM = 1.35V
TA = 25°C
2244 AMPLIFIERS
Figure 4. Input Offset Voltage Distribution
35
30
25
20
15
10
5
0
07
6
5
4
3
2
1
TCVOS (µV/°C)
VSY = 2.7V
–40°C < TA < +125°C
Figure 5. VOS Drift (TCVOS) Distribution
2500
–2500
0
3.0
INPUT COMMON-MODE VOLTAGE (V)
2000
1500
1000
500
0
–500
–1000
–1500
–2000
0.5
1.0
1.5
2.0
2.5
VSY = 2.7V
TA = 25°C
Figure 6. Input Offset Voltage vs. Input Common-Mode Voltage
200
180
160
140
120
100
80
60
40
20
0
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VOS (mV)
VSY = 5V
VCM = 2.5V
TA = 25°C
2244 AMPLIFIERS
Figure 7. Input Offset Voltage Distribution
35
30
25
20
15
10
5
0
08
7
6
5
4
3
2
1
TCVOS (µV/°C)
VSY = 5V
–40°C < TA < +125°C
Figure 8. VOS Drift (TCVOS) Distribution
–2500
–2000
–1500
–1000
–500
0
500
1000
1500
2000
2500
01
2
3
4
5
INPUT COMMON-MODE VOLTAGE (V)
VSY =5V
TA =25°C
Figure 9. Input Offset Voltage vs. Input Common-Mode Voltage


Similar Part No. - AD8646ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8646ARZ AD-AD8646ARZ Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD8646ARZ AD-AD8646ARZ Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646ARZ AD-AD8646ARZ Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8646ARZ-REEL AD-AD8646ARZ-REEL Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD8646ARZ-REEL AD-AD8646ARZ-REEL Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
More results

Similar Description - AD8646ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648 AD-AD8648_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
logo
National Semiconductor ...
LMV116 NSC-LMV116 Datasheet
416Kb / 13P
   Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV116 TI1-LMV116 Datasheet
1Mb / 23P
[Old version datasheet]   LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com