Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD827 Datasheet(PDF) 9 Page - Analog Devices

Part # AD827
Description  High Speed, Low Power Dual Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD827 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD827_02 Datasheet HTML 4Page - Analog Devices AD827_02 Datasheet HTML 5Page - Analog Devices AD827_02 Datasheet HTML 6Page - Analog Devices AD827_02 Datasheet HTML 7Page - Analog Devices AD827_02 Datasheet HTML 8Page - Analog Devices AD827_02 Datasheet HTML 9Page - Analog Devices AD827_02 Datasheet HTML 10Page - Analog Devices AD827_02 Datasheet HTML 11Page - Analog Devices AD827_02 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD827
REV. C
–9–
OUTLINE DIMENSIONS
8-Lead Plastic Dual-in-Line Package [PDIP]
(N-8)
Dimensions shown in millimeters and (inches)
SEATING
PLANE
1.52 (0.0598)
0.38 (0.0150)
(
5.33
(0.2098)
MAX
0.56 (0.0220)
0.36 (0.0142)
4.06 (0.1598)
2.93 (0.1154)
1.77 (0.0697)
1.15 (0.0453)
3.30
(0.1299)
MIN
8
1
4
5
PIN 1
7.11 (0.2799)
6.10 (0.2402)
2.54 (0.1000)
BSC
10.92 (0.4299)
8.84 (0.3480)
4.95 (0.1949)
2.93 (0.1154)
0.38 (0.0150)
0.20 (0.0079)
8.25 (0.3248)
7.62 (0.3000)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
16-Lead Standard Small Outline Package [SOIC]
Wide Body
(R-16)
Dimensions shown in millimeters and (inches)
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.0201)
0.33 (0.0130)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
16
9
8
1
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
PIN 1
10.50 (0.4134)
10.10 (0.3976)
0.32 (0.0126)
0.23 (0.0091)
8
0
0.75 (0.0295)
0.25 (0.0098)
45
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AA
8-Lead Ceramic DIP-Glass Hermetic Seal Package [CERDIP]
(Q-8)
Dimensions shown in millimeters and (inches)
1
4
85
7.87 (0.3089)
5.59 (0.2201)
PIN 1
0.13 (0.0051)
MIN
1.40 (0.0551)
MAX
2.54 (0.1000) BSC
15
0
8.13 (0.3201)
7.37 (0.2902)
0.38 (0.0150)
0.20 (0.0079)
SEATING
PLANE
5.08 (0.2000)
MAX
10.29 (0.4051) MAX
3.81 (0.1500)
MIN
5.08 (0.2000)
3.18 (0.1252)
0.58 (0.0228)
0.36 (0.0142)
1.78 (0.0701)
0.76 (0.0299)
1.52 (0.0600)
0.38 (0.0150)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
20-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-20A)
Dimensions shown in millimeters and (inches)
1
20
4
9
8
13
19
14
3
18
BOTTOM
VIEW
0.71 (0.0278)
0.56 (0.0220)
45 TYP
0.38 (0.0150)
MIN
1.40 (0.0551)
1.14 (0.0449)
1.27 (0.0500)
BSC
1.91 (0.0752)
REF
0.28 (0.0110)
0.18 (0.0071)
R TYP
2.41 (0.0949)
1.90 (0.0748)
2.54 (0.1000) BSC
5.08 (0.2000)
BSC
3.81 (0.1500)
BSC
1.91
(0.0752)
REF
9.09 (0.3579)
8.69 (0.3421)
SQ
9.09
(0.3579)
MAX
SQ
2.54 (0.1000)
1.63 (0.0642)
2.24 (0.0882)
1.37 (0.0539)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN


Similar Part No. - AD827_02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8270 AD-AD8270 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8270 AD-AD8270 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8270 AD-AD8270 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
logo
Aavid, Thermal Division...
AD8270 AAVID-AD8270 Datasheet
375Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
AD8270 AAVID-AD8270 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
More results

Similar Description - AD827_02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_15 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_17 Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com