Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD827AQ Datasheet(PDF) 7 Page - Analog Devices

Part # AD827AQ
Description  High Speed, Low Power Dual Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD827AQ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD827AQ Datasheet HTML 3Page - Analog Devices AD827AQ Datasheet HTML 4Page - Analog Devices AD827AQ Datasheet HTML 5Page - Analog Devices AD827AQ Datasheet HTML 6Page - Analog Devices AD827AQ Datasheet HTML 7Page - Analog Devices AD827AQ Datasheet HTML 8Page - Analog Devices AD827AQ Datasheet HTML 9Page - Analog Devices AD827AQ Datasheet HTML 10Page - Analog Devices AD827AQ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD827
REV. C
–7–
VIDEO LINE DRIVER
The AD827 functions very well as a low cost, high speed line
driver for either terminated or unterminated cables. Figure 23
shows the AD827 driving a doubly terminated cable in a
follower configuration.
0.1 µF
0.1 µF
50
AD827
1/2
RBT
CC
+VS
VIN
VOUT
–VS
RT
500
50
50
500
Figure 23. A Video Line Driver
The termination resistor, RT, (when equal to the cable’s
characteristic impedance) minimizes reflections from the far end
of the cable. While operating from
±5 V supplies, the AD827
maintains a typical slew rate of 200 V/
µs, which means it can
drive a
±1 V, 30 MHz signal into a terminated cable.
Table I. Video Line Driver Performance Summary
Over-
VIN*
VSUPPLY
CC
–3 dB BW
shoot
0 dB or
±500 mV Step ±15
20 pF
23 MHz
4%
0 dB or
±500 mV Step ±15
15 pF
21 MHz
0%
0 dB or
±500 mV Step ±15
0 pF
13 MHz
0%
0 dB or
±500 mV Step ±5
20 pF
18 MHz
2%
0 dB or
±500 mV Step ±5
15 pF
16 MHz
0%
0 dB or
±500 mV Step ±50 pF
11 MHz
0%
*–3 dB bandwidth numbers are for the 0 dBm signal input. Overshoot numbers
are the percent overshoot of the 1 V step input.
A back-termination resistor (RBT, also equal to the characteristic
impedance of the cable) may be placed between the AD827
output and the cable input, in order to damp any reflected
signals caused by a mismatch between RT and the cable’s
characteristic impedance. This will result in a flatter frequency
response, although this requires that the op amp supply
±2 V to
the output in order to achieve a
±1 V swing at resistor RT.
A HIGH SPEED THREE OP AMP INSTRUMENTATION
AMPLIFIER CIRCUIT
The instrumentation amplifier circuit shown in Figure 24 can
provide a range of gains. Table II details performance.
+
+
+
1
3
2
2
3
6
7
6
5
AD847
AD827
AD827
0.1
µF
1k
2k
2k
1k
2k
0.1
µF
0.1
µF
2k
R
L
2 – 8pF
0.1
µF
R
G
4
7
2k
8
4
TRIM FOR BEST
SETTLING TIME
1/2
1/2
3pF
CIRCUIT GAIN =
+ 1
G
R
2000
TRIM FOR
OPTIMUM
BANDWIDTH
7 – 15 pF
NOTE: PINOUT SHOWN IS FOR MINIDIP PACKAGE
–V
IN
+VS
–V
S
+V
IN
+V
S
–V
S
VOUT
Figure 24. A High Bandwidth Three Op Amp
Instrumentation Amplifier
Table II. Performance Specifications for the
Three Op Amp Instrumentation Amplifier
Small Signal
Bandwidth
Gain
RG
@ 1 V p-p Output
1
Open
16.1 MHz
22 k
14.7 MHz
10
226
4.9 MHz
100
20
660 kHz


Similar Part No. - AD827AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD827AQ AD-AD827AQ Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827AQ AD-AD827AQ Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
More results

Similar Description - AD827AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_15 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_17 Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com