Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1237 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM1237_04 Datasheet HTML 13Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 14Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 15Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 16Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 17Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 18Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 19Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 20Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
OSD Generator Operation (Continued)
ATTRIBUTE TABLES
Each character has an attribute value assigned to it in the
page RAM. The attribute value is 4 bits wide, making each
character entry in the page RAM 12 bits wide in total. The
attribute value acts as an address which points to one of 16
entries in either the two-color attribute table RAM or the
four-color attribute table RAM. The attribute word in the table
contains the coding information which defines which color is
represented by color1 and color2 in the two color attribute
table and color1, color2, color3, color4 in the four-color
attribute table. Each color is defined by a 9-bit value, with 3
bits assigned to each channel of RGB. A dynamic look-up
table defines each of the 16 different color combination
selections or ‘palettes’. As the look-up table can be dynami-
cally coded by the microcontroller over the I
2C compatible
interface, each color can be assigned to any one of 2
9 (i.e.
512) choices. This allows a maximum of 64 different colors to
be used within one page using the 4-color characters, with
up to 4 different colors within any one character and 32
different colors using the 2-color characters, with 2 different
colors within any one character.
TRANSPARENT DISABLE
In addition to the 9 lines of video data, a tenth data line is
generated by the transparent disable bit. When this line is
activated, the black color code will be translated as ‘trans-
parent’ or invisible. This allows the video information from
the PC system to be visible on the screen when this is
present. Note that this feature is enabled on any black color
in of the first 8 attribute table entries.
12 columns
18 rows
COLOR 1
COLOR 2
20023421
FIGURE 14. A Two-Color Character
Plane 1
+
Plane 2
=
Composite
20023422
FIGURE 15. A Four-Color Character
www.national.com
17


Similar Part No. - LM1237_04

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1237AAF/NA NSC-LM1237AAF/NA Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
More results

Similar Description - LM1237_04

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1236 NSC-LM1236 Datasheet
1Mb / 43P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
LM1246 NSC-LM1246 Datasheet
2Mb / 51P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1247 NSC-LM1247 Datasheet
3Mb / 48P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com