Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL41B Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # GL41B
Description  SURFACE MOUNT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

GL41B Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  GL41B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited GL41B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
◇ Plastic package has underwriters laboratories
flammability classification 94V-0
◇ Glass passivated chip junction
◇ For surface mount applications
◇ High temperature metallurgically bonded construction
of 265℃ for 10 seconds in solder bath
MECHANICAL DATA
◇ Case: JEDEC DO-213AB,molded plastic
◇ Terminals: Plated terminals,solderable per
MIL- STD-750,Method 2026
◇ Polarity: Color band denotes cathode
◇ Weight: 0.0046 ounces, 0.116 grams
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
GL
41B
GL
41D
GL
41G
GL
41J
GL
41K
GL
41M
UNITS
Maximum recurrent peak reverse voltage
100
200
400
600
800
1000
V
Maximum RMS voltage
70
140
280
420
560
700
V
Maximum DC blocking voltage
100
200
400
600
800
1000
V
Maximum average forward rectified current
(see FIG.1)
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage @1.0A
V
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=125℃
Typical junction capacitance (Note1)
pF
Typical thermal resistance (Note 2)
℃/W
Operating junction temperature range
Storage temperature range
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance from junction to ambient, 0.24×0.24"(6.0×6.0mm) copper pads to each terminal.
BL
GALAXY ELECTRICAL
GL41A---GL41M
◇ High temperature soldering guaranteed:450 ℃/5 seconds
DO - 213AB
1.1
1.2
VOLTAGE RANGE
: 50 --- 1000 V
CURRENT: 1.0 A
at terminals.Complete device sub-mersible temperature
◇ Cavity-free glass passivated junction
SURFACE MOUNT
RECTIFIER
- 55 ---- +175
- 55 ---- +175
8.0
75
Cj
Tj
TSTG
RθJA
10
50
www.galaxycn.com
VRRM
VRMS
GL
41A
50
50
35
VDC
A
µA
I(AV)
1.0
IFSM
30
A
VF
IR
Document Number 0280060
BLGALAXY ELECTRICAL
1.


Similar Part No. - GL41B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GL41B GE-GL41B Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
First Components Intern...
GL41B FCI-GL41B Datasheet
136Kb / 2P
   1.0 Amp MEGARECTIFIERS
logo
TAITRON Components Inco...
GL41B TAITRON-GL41B Datasheet
245Kb / 6P
   1.0A Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
GL41B VISHAY-GL41B Datasheet
87Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
Shenzhen Luguang Electr...
GL41B LUGUANG-GL41B Datasheet
300Kb / 2P
   Surface Mount Rectifiers
More results

Similar Description - GL41B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com