Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD4006 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SOD4006
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SOD4006 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SOD4006 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SOD4006 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
◇ Low forward surge current
◇ Ideal for surface mouted applications
◇ Low leakage current
MECHANICAL DATA
◇ Case:JEDEC SOD-123FL,molded plastic over
passivated chip
◇ Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.006 ounces, 0.02 gram
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
SOD
SOD
SOD
SOD
SOD
SOD
4002 4003 4004 4005 4006 4007
D2
D3
D4
D5
D6
D7
VRRM
100
200
400
600
800
1000
V
VRMS
70
140
280
420
560
700
V
VDC
100
200
400
600
800
1000
V
RθJL
℃/W
Tj
TSTG
NOTE1.Pulse test: pulse width 300
µsec,duty cycle 2%.
µA
measured at f=1MHZ,VR=4.0V
CJ
15
p F
IR
5.0
50
Typical thermal resistance junction to lead
20
Maximum instantaneous
forward voltage @IFM=1.0A (Note 1)
VF
1.1
4001
D1
UNITS
Device marking code
BL GALAXYELECTRICAL
SOD4001 --- SOD4007
50
A
I(AV)
A
35
50
- 55 --- + 150
www.galaxycn.com
IFSM
- 55 --- + 150
PLASTIC SILICON RECTIFIER
1.0
25
SOD
REVERSE VOLTAGE: 50 - 1000 V
CURRENT: 1.0 A
SOD - 123FL
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forword
rectified current @TA=75℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
Maximum DC reverse current @TA=25℃
at rated DC blocking voltage @TA=125℃
Operating temperature range
Storage temperature range
on rated load
Typical junction capacitance
V
Document Number 0260002
BLGALAXYELECTRICAL
1.
1.0
0.2
2.8
0.1
1.8
0.1
0.05
0.30
0.98
0.1
Cathode Band
Top View
3.7
0.2
0.60
0.25
5


Similar Part No. - SOD4006

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SOD4006 MCC-SOD4006 Datasheet
101Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
SHIKUES Electronics
SOD4006 SKTECHNOLGY-SOD4006 Datasheet
415Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Diotech Company.
SOD4006 DIOTECH-SOD4006 Datasheet
749Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
First Silicon Co., Ltd
SOD4006 FS-SOD4006 Datasheet
122Kb / 2P
   SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Diotech Company.
SOD4006 DIOTECH-SOD4006 Datasheet
749Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - SOD4006

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com