Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS07B Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS07B
Description  SURFACE MOUNT RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS07B Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  RS07B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS07B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited RS07B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Unit
Cj
pF
NOTES: 4.Pulse test:300
µs pulse width,1% duty cycle.
5.Measured at 1.0MHz and applied average voltage of 4.0V DC.
forward voltage at 0.7A
Maximum DC reverse current @TA=25℃
at rated DC blockjing voltage @TA=125℃
µA
V
IR
Typical junction capacitance (NOTE 5)
VF
Parameter
Maximum instantaneous (NOTE 4)
www.galaxycn.com
-
Min
-
-
-
-
-
4-
50
1.15
Max.
10
Typ.
-
BLGALAXYELECTRICAL
Document Number 0280071
2.


Similar Part No. - RS07B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS07B VISHAY-RS07B Datasheet
156Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
RS07B VISHAY-RS07B Datasheet
114Kb / 6P
   Fast Rectifier Surface-Mount
01-Jan-2022
RS07B VISHAY-RS07B Datasheet
90Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 2.0, 30-Aug-10
logo
Shenzhen Luguang Electr...
RS07B LUGUANG-RS07B Datasheet
289Kb / 3P
   Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
RS07B TAYCHIPST-RS07B Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - RS07B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com