Selected language     English  ▼


AD712AQ Datasheet(PDF) 7 Page - Analog Devices

Part No. AD712AQ
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 7 page
background image
AD712
Rev. G | Page 7 of 20
COMMON MODE VOLTAGE (V)
100
75
0
50
25
–10
MAX J GRADE LIMIT
–5
0
5
10
VS = 15V
25°C
Figure 8. Input Bias Current vs. Common-Mode Voltage
AMBIENT TEMPERATURE (°C)
10
–60
12
14
16
18
20
22
24
26
–40
–20
0
20
40
60
80
100
120
140
+ OUTPUT CURRENT
– OUTPUT CURRENT
Figure 9. Short-Circuit Current Limit vs. Temperature
3.0
3.5
4.0
4.5
5.0
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
Figure 10. Unity-Gain Bandwidth vs. Temperature
–20
0
20
40
60
80
100
–20
0
20
40
60
80
100
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
GAIN
PHASE
2kΩ
100pF
LOAD
Figure 11. Open-Loop Gain and Phase Margin vs. Frequency
125
120
115
110
105
100
95
SUPPLY VOLTAGE ± V
0
5
10
15
20
RL = 2kΩ
25°C
Figure 12. Open-Loop Gain vs. Supply Voltage
110
0
100
80
60
40
20
VS = ±15V SUPPLIES
WITH 1V p-p SINEWAVE 25°C
– SUPPLY
+ SUPPLY
SUPPLY MODULATION FREQUENCY (Hz)
10
100
1k
10k
100k
1M
Figure 13. Power Supply Rejection vs. Frequency




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD711_02Precision Low Cost High Speed BiFET Op Amp 1 2 3 4 5 MoreAnalog Devices
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
AD827_02High Speed Low Power Dual Op Amp 1 2 3 4 5 MoreAnalog Devices
ADA4860-1High Speed Low Cost Op Amp 1 2 3 4 5 MoreAnalog Devices
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
AD825_04Low Cost General-Purpose High Speed JFET Amplifier 1 2 3 4 5 MoreAnalog Devices
USBULC6-2F3Dual ultra low capacitance protection for high speed USB 1 2 3 4 5 MoreSTMicroelectronics
STSLVDSP278-bit low voltage serializer with 1.8V high speed dual differential line drivers and embedded DPLL 1 2 3 4 5 MoreSTMicroelectronics
OP249_07Dual Precision JFET High Speed Operational Amplifier 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl