Selected language     English  ▼


AD712AQ Datasheet(PDF) 8 Page - Analog Devices

Part No. AD712AQ
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 8 page
background image
AD712
Rev. G | Page 8 of 20
0
100
80
60
40
20
VS = ±15V
VCM = 1V p-p
25°C
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
Figure 14. Common-Mode Rejection vs. Frequency
30
25
0
15
10
5
20
FREQUENCY (Hz)
100k
1M
10M
RL = 2kΩ
25°C
VS = ±15V
Figure 15. Large Signal Frequency Response
–8
0.5
–6
–4
–2
0
4
6
8
10
2
–10
0.6
0.7
0.01%
0.1%
1%
0.01%
0.1%
1%
ERROR
0.8
0.9
1.0
SETTLING TIME (µs)
Figure 16. Output Swing and Error vs. Settling Time
FREQUENCY (Hz)
–70
–80
–90
–100
–110
–120
–130
100
1k
10k
100k
3V rms
RL = 2kΩ
CL = 100pF
Figure 17. Total Harmonic Distortion vs. Frequency
FREQUENCY (Hz)
1
10
100
1k
10
100
1k
10k
100k
1
Figure 18. Input Noise Voltage Spectral Density
INPUT ERROR SIGNAL (mV)
(AT SUMMING JUNCTION)
5
10
15
20
25
0
0
100
200
300
400
500
600
700
800
900
Figure 19. Slew Rate vs. Input Error Signal




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD711_02Precision Low Cost High Speed BiFET Op Amp 1 2 3 4 5 MoreAnalog Devices
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
AD827_02High Speed Low Power Dual Op Amp 1 2 3 4 5 MoreAnalog Devices
ADA4860-1High Speed Low Cost Op Amp 1 2 3 4 5 MoreAnalog Devices
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
AD825_04Low Cost General-Purpose High Speed JFET Amplifier 1 2 3 4 5 MoreAnalog Devices
USBULC6-2F3Dual ultra low capacitance protection for high speed USB 1 2 3 4 5 MoreSTMicroelectronics
STSLVDSP278-bit low voltage serializer with 1.8V high speed dual differential line drivers and embedded DPLL 1 2 3 4 5 MoreSTMicroelectronics
OP249_07Dual Precision JFET High Speed Operational Amplifier 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl