Selected language     English  ▼


AD712AQ Datasheet(PDF) 9 Page - Analog Devices

Part No. AD712AQ
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 9 page
background image
AD712
Rev. G | Page 9 of 20
25
15
20
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
Figure 20. Slew Rate vs. Temperature
OUTPUT
100pF
2kΩ
INPUT
+VS
0.1µF
0.1µF
–VS
8
4
1/2
AD712
+
Figure 21. THD Test Circuit
VOUT
20kΩ
2.2kΩ
20V p-p
5kΩ
5kΩ
1
2
3
4
5
6
7
8
1/2
AD712
+VS
VIN
CROSSTALK = 20 log
VOUT
10VIN
1/2
AD712
–VS
Figure 22. Crosstalk Test Circuit
VOUT
CL
100pF
RL
2kΩ
+VS
0.1µF
0.1µF
–VS
8
4
1/2
AD712
VIN
SQUARE
WAVE
INPUT
Figure 23. Unity-Gain Follower
100
90
10
0%
1µs
5V
Figure 24. Unity-Gain Follower Pulse Response (Large Signal)
100ns
50mV
100
10
0%
90
Figure 25. Unity-Gain Follower Pulse Response (Small Signal)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD711_02Precision Low Cost High Speed BiFET Op Amp 1 2 3 4 5 MoreAnalog Devices
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
AD827_02High Speed Low Power Dual Op Amp 1 2 3 4 5 MoreAnalog Devices
ADA4860-1High Speed Low Cost Op Amp 1 2 3 4 5 MoreAnalog Devices
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
AD825_04Low Cost General-Purpose High Speed JFET Amplifier 1 2 3 4 5 MoreAnalog Devices
USBULC6-2F3Dual ultra low capacitance protection for high speed USB 1 2 3 4 5 MoreSTMicroelectronics
STSLVDSP278-bit low voltage serializer with 1.8V high speed dual differential line drivers and embedded DPLL 1 2 3 4 5 MoreSTMicroelectronics
OP249_07Dual Precision JFET High Speed Operational Amplifier 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl