Selected language     English  ▼


AD712AQ Datasheet(PDF) 3 Page - Analog Devices

Part No. AD712AQ
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 3 page
background image
AD712
Rev. G | Page 3 of 20
SPECIFICATIONS
VS = ±15 V @ TA = 25°C, unless otherwise noted. Specifications in boldface are tested on all production units at final electrical test.
Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those
shown in boldface are tested on all production units.
Table 1.
AD712J/A/S
AD712K
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
Initial Offset
0.3
3/1/1
0.2
1.0
mV
TMIN to TMAX
4/2/2
2.0
mV
vs. Temp
7
20/20/20
7
10
μV/°C
vs. Supply
76
95
80
100
dB
TMIN to TMAX
76/76/76
80
dB
Long-Term Offset Stability
15
15
μV/month
INPUT BIAS CURRENT2
VCM = 0 V
25
75
20
75
pA
VCM = 0 V @ TMAX
0.6/1.6/26
1.7/4.8/77
0.5
1.7
nA
VCM = ±10 V
100
100
pA
INPUT OFFSET CURRENT
VCM = 0 V
10
25
5
25
pA
VCM = 0 V @ TMAX
0.3/0.7/11
0.6/1.6/26
0.1
0.6
nA
MATCHING CHARACTERISTICS
Input Offset Voltage
3/1/1
1.0
mV
TMIN to TMAX
4/2/2
2.0
mV
Input Offset Voltage Drift
20/20/20
10
μV/°C
Input Bias Current
25
25
pA
Crosstalk
@ f = 1 kHz
120
120
dB
@ f = 100 kHz
90
90
dB
FREQUENCY RESPONSE
Small Signal Bandwidth
3.0
4.0
3.4
4.0
MHz
Full Power Response
200
200
kHz
Slew Rate
16
20
18
20
V/μs
Settling Time to 0.01%
1.0
1.2
1.0
1.2
μs
Total Harmonic Distortion
0.0003
0.0003
%
INPUT IMPEDANCE
Differential
3×1012||5.5
3×1012||5.5
Ω||pF
Common Mode
3×1012||5.5
3×1012||5.5
Ω||pF
INPUT VOLTAGE RANGE
Differential3
±20
±20
V
Common-Mode Voltage4
+14.5, −11.5
+14.5, −11.5
V
TMIN to TMAX
−VS + 4
+VS − 2
−VS + 4
+VS − 2
V
Common-Mode Rejection
Ratio
VCM = ±10 V
76
88
80
88
dB
TMIN to TMAX
76/76/76
84
80
84
dB
VCM = ±11 V
70
84
76
84
dB
TMIN to TMAX
70/70/70
80
74
80
dB
INPUT VOLTAGE NOISE
2
2
μV p-p
45
45
nV/√Hz
22
22
nV/√Hz
18
18
nV/√Hz
16
16
nV/√Hz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD711_02Precision Low Cost High Speed BiFET Op Amp 1 2 3 4 5 MoreAnalog Devices
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
AD827_02High Speed Low Power Dual Op Amp 1 2 3 4 5 MoreAnalog Devices
ADA4860-1High Speed Low Cost Op Amp 1 2 3 4 5 MoreAnalog Devices
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
AD825_04Low Cost General-Purpose High Speed JFET Amplifier 1 2 3 4 5 MoreAnalog Devices
USBULC6-2F3Dual ultra low capacitance protection for high speed USB 1 2 3 4 5 MoreSTMicroelectronics
STSLVDSP278-bit low voltage serializer with 1.8V high speed dual differential line drivers and embedded DPLL 1 2 3 4 5 MoreSTMicroelectronics
OP249_07Dual Precision JFET High Speed Operational Amplifier 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl