Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD811AR-20-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD811AR-20-REEL
Description  High Performance Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811AR-20-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD811AR-20-REEL Datasheet HTML 6Page - Analog Devices AD811AR-20-REEL Datasheet HTML 7Page - Analog Devices AD811AR-20-REEL Datasheet HTML 8Page - Analog Devices AD811AR-20-REEL Datasheet HTML 9Page - Analog Devices AD811AR-20-REEL Datasheet HTML 10Page - Analog Devices AD811AR-20-REEL Datasheet HTML 11Page - Analog Devices AD811AR-20-REEL Datasheet HTML 12Page - Analog Devices AD811AR-20-REEL Datasheet HTML 13Page - Analog Devices AD811AR-20-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD811
Rev. E | Page 10 of 20
HP8130
PULSE
GENERATOR
VIN
VOUT TO
TEKTRONIX
P6201 FET
PROBE
RFB
+VS
–VS
AD811
+
6
5
7
3
2
RL
RG
50
0.1
µF
0.1
µF
Figure 26. Noninverting Amplifier Connection
10
90
100
0%
1V
1V
10ns
VIN
VOUT
Figure 27. Small Signal Pulse Response, Gain = +1
10
90
100
0%
1V
100mV
10ns
VIN
VOUT
Figure 28. Small Signal Pulse Response, Gain = +10
–12
–9
–6
–3
0
3
6
9
FREQUENCY (MHz)
1
10
100
VS = ±15V
RFB = 750Ω
VS = ±5V
RFB = 619Ω
G = +1
RL = 150Ω
RG = ∞
Figure 29. Closed-Loop Gain vs. Frequency, Gain = +1
8
11
14
17
20
23
26
FREQUENCY (MHz)
1
10
100
VS = ±15V
RFB = 511Ω
VS = ±5V
RFB = 442Ω
G = +1
RL = 150Ω
Figure 30. Closed-Loop Gain vs. Frequency, Gain = +10
10
90
100
0%
10V
1V
20ns
VIN
VOUT
Figure 31. Large Signal Pulse Response, Gain = +10


Similar Part No. - AD811AR-20-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811AR-20-REEL AD-AD811AR-20-REEL Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
More results

Similar Description - AD811AR-20-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811 Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
AD811 AD-AD811_17 Datasheet
465Kb / 21P
   High Performance Video Op Amp
AD811 AD-AD811_15 Datasheet
624Kb / 21P
   High Performance Video Op Amp
Rev. F
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
[Old version datasheet]   Fast Settling, Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com