Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8010 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8010
Description  200 mA Output Current High-Speed Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8010 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8010 Datasheet HTML 4Page - Analog Devices AD8010 Datasheet HTML 5Page - Analog Devices AD8010 Datasheet HTML 6Page - Analog Devices AD8010 Datasheet HTML 7Page - Analog Devices AD8010 Datasheet HTML 8Page - Analog Devices AD8010 Datasheet HTML 9Page - Analog Devices AD8010 Datasheet HTML 10Page - Analog Devices AD8010 Datasheet HTML 11Page - Analog Devices AD8010 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8010
–11–
REV. B
Table I. –3 dB Bandwidth and Slew Rate vs. Closed-Loop
Gain and Resistor Values
Package: N-8
Closed-Loop
–3 dB BW
Slew Rate
Gain
RF ( )RG ( )
(MHz)
(V/ s)
+1
453
285
900
+2
374
374
255
900
+5
348
86.6
200
800
+10
562
61.9
120
550
Package: R-16
Closed-Loop
–3 dB BW
Slew Rate
Gain
RF ( )RG ( )
(MHz)
(V/ s)
+1
412
245
900
+2
392
392
220
900
+5
392
97.6
160
800
+10
604
66.5
95
550
Package: SO-8
Closed-Loop
–3 dB BW
Slew Rate
Gain
RF ( )RG ( )
(MHz)
(V/ s)
+1
392
345
950
+2
374
374
305
1000
+5
348
86.6
220
1000
+10
499
54.9
135
650
1. VO = 0.2 V p-p for –3 dB Bandwidth.
2. VO = 2 V p-p for Slew Rate.
3. Bypassing per Figure 29.
150
50
RF
RG
VOUT
18.75
VIN
Figure 32. Test Circuit for Table I
Closed-Loop Gain and Bandwidth
The AD8010 is a current feedback amplifier optimized for use
in high performance video and data acquisition applications.
Since it uses a current feedback architecture, its closed-loop
–3 dB bandwidth is dependent on the magnitude of the feedback
resistor. The desired closed-loop bandwidth and gain are obtained
by varying the feedback resistor (RF) to set the bandwidth, and
varying the gain resistor (RG) to set the desired gain. The char-
acteristic curves and specifications for this data sheet reflect the
performance of the AD8010 using the values of RF noted at the
top of the specifications table. If a greater –3 dB bandwidth
and/or slew rate is required (at the expense of video performance),
Table I provides the recommended resistor values. Figure 32
shows the test circuit and conditions used to produce Table I.
Effect of Feedback Resistor Tolerance on Gain Flatness
Because of the relationship between the 3 dB bandwidth and the
feedback resistor, the fine scale gain flatness will, to some extent,
vary with feedback resistor tolerance. It is therefore recommended
that resistors with a 1% tolerance be used if it is desired to main-
tain flatness over a wide range of production lots. In addition,
resistors of different construction have different associated para-
sitic capacitance and inductance. Metal-film resistors were used
for the bulk of the characterization for this data sheet. It is pos-
sible that values other than those indicated will be optimal for
other resistor types.
Quality of Coaxial Cable
Optimum flatness when driving a coax cable is possible only
when the driven cable is terminated at each end with a resistor
matching its characteristic impedance. If the coax was ideal,
then the resulting flatness would not be affected by the length of
the cable. While outstanding results can be achieved using inex-
pensive cables, it should be noted that some variation in flatness
due to varying cable lengths may be experienced.


Similar Part No. - AD8010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8010 AD-AD8010 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AN AD-AD8010AN Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AR AD-AD8010AR Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AR-16 AD-AD8010AR-16 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AR-16-REEL AD-AD8010AR-16-REEL Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
More results

Similar Description - AD8010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8010 AD-AD8010_15 Datasheet
189Kb / 12P
   200 mA Output Current High-Speed Amplifier
REV. B
AD8010 AD-AD8010 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017 AD-AD8017 Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com