Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8009ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8009ARZ
Description  1 GHz, 5,500 V/??Low Distortion Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009ARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8009ARZ Datasheet HTML 3Page - Analog Devices AD8009ARZ Datasheet HTML 4Page - Analog Devices AD8009ARZ Datasheet HTML 5Page - Analog Devices AD8009ARZ Datasheet HTML 6Page - Analog Devices AD8009ARZ Datasheet HTML 7Page - Analog Devices AD8009ARZ Datasheet HTML 8Page - Analog Devices AD8009ARZ Datasheet HTML 9Page - Analog Devices AD8009ARZ Datasheet HTML 10Page - Analog Devices AD8009ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
–7–
REV. F
AD8009
POUT (dBm)
–45
–80
–95
–10
–8
12
–6
–4
–2
0
2
4
6
8
10
–50
–75
–85
–90
–55
–65
–60
–70
–40
–35
14
5MHz
70MHz
250MHz
200
P
OUT
22.1
50
50
50
TPC 13. Third Harmonic Distortion vs. POUT; (G = +10)
FREQUENCY (MHz)
10
250
100
10
50
45
40
35
30
25
20
15
200
P
OUT
22.1
50
50
50
TPC 14. Two Tone, Third Order IMD Intercept vs.
Frequency; G = +10
1M
100k
10k
1k
0.01
0.1
100
1
GAIN
PHASE
RL = 100
1000
10
0
–40
–80
–120
FREQUENCY (MHz)
–160
100
TPC 15. Transresistance and Phase vs. Frequency
FREQUENCY (MHz)
0.03 0.1
100
10
10
0
–10
–20
–30
–40
–50
–60
–70
1
500
+PSRR
G = +2
RF = 301
RL = 100
100mV p-p ON TOP OF VS
–PSRR
TPC 16. PSRR vs. Frequency
FREQUENCY (Hz)
300
0
10
100
250M
1k
10k
100k
1M
10M
100M
250
200
150
100
50
NONINVERTING CURRENT
INVERTING CURRENT
TPC 17. Current Noise vs. Frequency
V
IN =
200mV p-p
100
V
O
301
154
301
154
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–10
100
1
1000
10
FREQUENCY (MHz)
TPC 18. CMRR vs. Frequency


Similar Part No. - AD8009ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8009AR AD-AD8009AR Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009AR-REEL AD-AD8009AR-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART AD-AD8009ART Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL AD-AD8009ART-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL7 AD-AD8009ART-REEL7 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
More results

Similar Description - AD8009ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8009 AD-AD8009 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com