Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8009ARZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8009ARZ-REEL
Description  1 GHz, 5,500 V/??Low Distortion Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009ARZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8009ARZ-REEL Datasheet HTML 2Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 3Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8009ARZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8009
–6–
REV. F
21
20
19
18
17
16
15
14
13
12
22
100
1
1000
10
FREQUENCY (MHz)
G = +10
RF = 200
RL = 100
VO = 2V p-p
–40 C
+85 C
TPC 7. Large Signal Frequency Response vs.
Temperature; G = +10
–30
–80
–40
–50
–60
–70
–100
–90
THIRD,
150
LOAD
THIRD,
100
LOAD
FREQUENCY RESPONSE (MHz)
110
70
SECOND,
100
LOAD
SECOND,
150
LOAD
G = 2
RF = 301
VO = 2V p-p
TPC 8. Distortion vs. Frequency; G = +2
FREQUENCY (MHz)
–20
–80
1
200
10
100
–30
–40
–50
–60
–70
G = +2
RF = 301
RL = 100
VO = 2V p-p
VS = 5V
THIRD
SECOND
TPC 9. Distortion vs. Frequency; G = +2; VS = 5 V
–35
–70
–85
–40
–65
–75
–80
–45
–55
–50
–60
POUT (dBm)
–10
12
–6
–4
–2
0
2
4
6
8
10
14
–8
200
P
OUT
22.1
50
50
50
250MHz
70MHz
5MHz
TPC 10. Second Harmonic Distortion vs. POUT; (G = +10)
IRE
100
0
0.02
–0.02
0.00
–0.01
0.01
RL = 37.5
RL = 150
G = +2
RF = 301
G = +2
RF = 301
RL = 37.5
RL = 150
0.10
–0.10
–0.00
–0.05
0.05
IRE
100
0
TPC 11. Differential Gain and Phase
–30
–35
–80
–40
–45
–50
–55
–60
–65
–70
–75
70
10
5
FREQUENCY (MHz)
G = +10
RF = 200
RL = 100
VO = 2V p-p
SECOND
THIRD
TPC 12. Distortion vs. Frequency; G = +10


Similar Part No. - AD8009ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8009AR AD-AD8009AR Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009AR-REEL AD-AD8009AR-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART AD-AD8009ART Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL AD-AD8009ART-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL7 AD-AD8009ART-REEL7 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
More results

Similar Description - AD8009ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8009 AD-AD8009 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com