Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD828AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD828AR
Description  Dual, Low Power Video Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD828AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD828AR Datasheet HTML 3Page - Analog Devices AD828AR Datasheet HTML 4Page - Analog Devices AD828AR Datasheet HTML 5Page - Analog Devices AD828AR Datasheet HTML 6Page - Analog Devices AD828AR Datasheet HTML 7Page - Analog Devices AD828AR Datasheet HTML 8Page - Analog Devices AD828AR Datasheet HTML 9Page - Analog Devices AD828AR Datasheet HTML 10Page - Analog Devices AD828AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. C
AD828
–7–
FREQUENCY – Hz
10
0
–10
100k
1M
100M
10M
–2
–4
–6
–8
2
4
6
8
VOUT
VIN
1k
150
AD828
1k
1pF
VS
15V
5V
+5V
0.1dB
FLATNESS
40MHz
43MHz
18MHz
VS = 5V
VS = +5V
VS =
15V
TPC 19. Closed-Loop Gain vs. Frequency
SUPPLY VOLTAGE –
V
0.03
0.01
0.02
0.04
15
0.07
0.05
0.06
510
DIFF GAIN
DIFF PHASE
TPC 20. Differential Gain and Phase vs. Supply Voltage
–30
–70
–110
100k
100M
10M
1M
10k
–90
–50
–60
–80
–100
–40
FREQUENCY – Hz
RL = 150
RL = 1k
TPC 21. Crosstalk vs. Frequency
FREQUENCY – Hz
5
0
–5
100k
1M
100M
10M
–1
–2
–3
–4
1
2
3
4
VS = 5V
VS = +5V
VS =
15V
VOUT
VIN
1k
150
AD828
1k
1pF
VS
15V
5V
+5V
0.1dB
FLATNESS
50MHz
25MHz
19MHz
TPC 22. Closed-Loop Gain vs. Frequency, G = –1
FREQUENCY – Hz
1.0
0
–1.0
100k
1M
100M
10M
–0.2
–0.4
–0.6
–0.8
0.2
0.4
0.6
0.8
VS = 5V
VS = 5V
VS =
15V
TPC 23. Gain Flatness Matching vs. Supply, G = +2
USE GROUND PLANE
PINOUT SHOWN IS FOR MINI-DIP PACKAGE
0.1 F
VIN
RL
1/2
AD828
1 F
VOUT
5
6
7
4
0.1 F
1 F
1/2
AD828
5V
1
8
3
2
RL
5V
TPC 24. Crosstalk Test Circuit


Similar Part No. - AD828AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD828AR AD-AD828AR Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828AR AD-AD828AR Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828AR-REEL AD-AD828AR-REEL Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828AR-REEL AD-AD828AR-REEL Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828AR-REEL7 AD-AD828AR-REEL7 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
More results

Similar Description - AD828AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD818 AD-AD818_10 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_15 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com