Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD828AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD828AR
Description  Dual, Low Power Video Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD828AR Datasheet(HTML) 1 Page - Analog Devices

  AD828AR Datasheet HTML 1Page - Analog Devices AD828AR Datasheet HTML 2Page - Analog Devices AD828AR Datasheet HTML 3Page - Analog Devices AD828AR Datasheet HTML 4Page - Analog Devices AD828AR Datasheet HTML 5Page - Analog Devices AD828AR Datasheet HTML 6Page - Analog Devices AD828AR Datasheet HTML 7Page - Analog Devices AD828AR Datasheet HTML 8Page - Analog Devices AD828AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD828
Dual, Low Power
Video Op Amp
FEATURES
Excellent Video Performance
Differential Gain and Phase Error of 0.01% and 0.05
High Speed
130 MHz 3 dB Bandwidth (G = +2)
450 V/ s Slew Rate
80 ns Settling Time to 0.01%
Low Power
15 mA Max Power Supply Current
High Output Drive Capability
50 mA Minimum Output Current per Amplifier
Ideal for Driving Back Terminated Cables
Flexible Power Supply
Specified for +5 V,
5 V, and
15 V Operation
3.2 V Min Output Swing into a 150
Load
(VS =
5 V)
Excellent DC Performance
2.0 mV Input Offset Voltage
Available in 8-Lead SOIC and 8-Lead Plastic Mini-DIP
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
8
7
6
5
AD828
V+
OUT2
–IN2
+IN2
OUT1
–IN1
+IN1
V–
GENERAL DESCRIPTION
The AD828 is a low cost, dual video op amp optimized for use
in video applications that require gains of +2 or greater and
high output drive capability, such as cable driving. Due to its
low power and single-supply functionality, along with excellent
differential gain and phase errors, the AD828 is ideal for power-
sensitive applications such as video cameras and professional
video equipment.
With video specs like 0.1 dB flatness to 40 MHz and low
differential gain and phase errors of 0.01% and 0.05
°, along
with 50 mA of output current per amplifier, the AD828 is an
excellent choice for any video application. The 130 MHz gain
bandwidth and 450 V/
µs slew rate make the AD828 useful in
many high speed applications, including video monitors, CATV,
color copiers, image scanners, and fax machines.
1/2
AD828
0.1 F
0.1 F
+V
–V
RBT
75
75
RT
75
1k
RT
75
1k
VIN
Figure 1. Video Line Driver
The AD828 is fully specified for operation with a single 5 V
power supply and with dual supplies from
±5 V to ±15 V. This
power supply flexibility, coupled with a very low supply current
of 15 mA and excellent ac characteristics under all power supply
conditions, make the AD828 the ideal choice for many demand-
ing yet power-sensitive applications.
The AD828 is a voltage feedback op amp that excels as a gain
stage (gains > +2) or active filter in high speed and video systems
and achieves a settling time of 45 ns to 0.1%, with a low input
offset voltage of 2 mV max.
The AD828 is available in low cost, small 8-lead plastic mini-DIP
and SOIC packages.
0.04
15
0.07
0.05
0.06
510
0.03
0.01
0.02
SUPPLY VOLTAGE –
V
DIFF GAIN
DIFF PHASE
Figure 2. Differential Phase vs. Supply Voltage


Similar Part No. - AD828AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD828AR AD-AD828AR Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828AR AD-AD828AR Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828AR-REEL AD-AD828AR-REEL Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828AR-REEL AD-AD828AR-REEL Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828AR-REEL7 AD-AD828AR-REEL7 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
More results

Similar Description - AD828AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD818 AD-AD818_10 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_15 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com