Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8042AN Datasheet(PDF) 10 Page - Analog Devices

Part # AD8042AN
Description  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042AN Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8042AN Datasheet HTML 6Page - Analog Devices AD8042AN Datasheet HTML 7Page - Analog Devices AD8042AN Datasheet HTML 8Page - Analog Devices AD8042AN Datasheet HTML 9Page - Analog Devices AD8042AN Datasheet HTML 10Page - Analog Devices AD8042AN Datasheet HTML 11Page - Analog Devices AD8042AN Datasheet HTML 12Page - Analog Devices AD8042AN Datasheet HTML 13Page - Analog Devices AD8042AN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8042
Rev. E | Page 10 of 16
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
–40 –30 –20 –10
90
80
70
60
50
40
30
20
10
0
TEMPERATURE (°C)
VS = ±5V
VS = +5V
VS = +3V
Figure 23. Supply Current vs. Temperature
0
–10
10
–20
–30
–40
–50
–60
–70
–80
–90
10k
500M
100M
10M
1M
100k
FREQUENCY (Hz)
VS = 5V
–PSRR
+PSRR
Figure 24. PSRR vs. Frequency
10
9
8
7
6
5
4
3
2
1
0
0.1
100
10
1
FREQUENCY (MHz)
VS = ±5V
RL = 2kΩ
G = –1
Figure 25. Output Voltage vs. Frequency
50
30
40
20
10
0
02
180
160
140
120
100
80
60
40
20
LOAD CAPACITANCE (pF)
00
VS = 5V
VOUT = 100mV STEP
G = +2
G = +3
Figure 26. Overshoot vs. Load Capacitance
6
5
4
3
2
1
0
–1
–2
–3
–4
15
100
10
FREQUENCY (MHz)
00
VS = 5V
RF = 2kΩ
RL = 2kΩ to 2.5V
G = +2
G = +10
G = +5
G = +2
RF = 200Ω
Figure 27. Closed-Loop Gain vs. Frequency Response
–10
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
0.1
200
10
100
1
FREQUENCY (MHz)
VS = 5V
VIN = 0.6V p-p
G = +2
RF = 1kΩ
VOUT1
VOUT2
, RL = 1kΩ TO 2.5V
VOUT1
VOUT2
, RL = 150Ω TO 2.5V
VOUT2
VOUT1
, RL = 150Ω TO 2.5V
VOUT2
VOUT1
, RL = 1kΩ TO 2.5V
Figure 28. Crosstalk (Output-to-Output) vs. Frequency


Similar Part No. - AD8042AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042AN AD-AD8042AN Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
More results

Similar Description - AD8042AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com