Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8502 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8502
Description  1 關A Micropower CMOS Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8502 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8502 Datasheet HTML 3Page - Analog Devices AD8502 Datasheet HTML 4Page - Analog Devices AD8502 Datasheet HTML 5Page - Analog Devices AD8502 Datasheet HTML 6Page - Analog Devices AD8502 Datasheet HTML 7Page - Analog Devices AD8502 Datasheet HTML 8Page - Analog Devices AD8502 Datasheet HTML 9Page - Analog Devices AD8502 Datasheet HTML 10Page - Analog Devices AD8502 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8502/AD8504
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VOS (µV)
0
20
40
60
80
100
120
140
160
–2400 –1800 –1200
–600
0
600
1200
1800
2400
Figure 3. Input Offset Voltage Distribution (0 V < VC < 5.0 V), VS = 5 V
TCVOS (µV/°C)
1
3
5
7
9
11
13
15
17
19
21
23
25
200
50
100
150
0
Figure 4. Input Offset Voltage Temperature Drift Distribution
(−40°C < TA < +85°C), VS = 5 V
1000
–1000
800
–800
400
–400
600
–600
200
–200
0
VCM (V)
01
23
4
5
Figure 5. Input Offset Voltage vs. Common-Mode Voltage, VS = 5 V
–40
–20
0
20
40
60
80
100
120
1000
10
100
0.1
1
0.01
0.001
TEMPERATURE (°C)
Figure 6. Input Bias Current vs. Temperature (VS = 1.8 V and 5.0 V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1000
10
100
0.1
1
0.01
0.001
VCM (V)
IB (+85°C)
IB (+25°C)
IB (–40°C)
IB (+125°C)
Figure 7. Input Bias Current vs. Common-Mode Voltage, VS = 5 V
0.5
0.6
0.7
0.8
0.9
1.0
70
30
40
50
60
20
10
0
ISY (µA)
Figure 8. Supply Current Distribution, VS = 5 V


Similar Part No. - AD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8502 AD-AD8502 Datasheet
155Kb / 6P
   1關 Micropower Precision CMOS Operational Amplifier
Rev. PrB
AD8502 AD-AD8502 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
AD8502 AD-AD8502 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8502ARJZ-R2 AD-AD8502ARJZ-R2 Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
AD8502ARJZ-REEL AD-AD8502ARJZ-REEL Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
More results

Similar Description - AD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8504ARUZ AD-AD8504ARUZ Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
logo
Analog Devices
AD8502 AD-AD8502 Datasheet
155Kb / 6P
   1關 Micropower Precision CMOS Operational Amplifier
Rev. PrB
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV629X STMICROELECTRONICS-TSV629X Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Shenzhen Huazhimei Semi...
HM8521 HMSEMI-HM8521 Datasheet
1Mb / 12P
   3.4關A, 90kHz, RRIO CMOS Operational Amplifiers
HM8631 HMSEMI-HM8631 Datasheet
2Mb / 13P
   520關A, 6.5MHz, RRIO CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com