Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8502 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8502
Description  1 關A Micropower CMOS Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8502 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8502 Datasheet HTML 4Page - Analog Devices AD8502 Datasheet HTML 5Page - Analog Devices AD8502 Datasheet HTML 6Page - Analog Devices AD8502 Datasheet HTML 7Page - Analog Devices AD8502 Datasheet HTML 8Page - Analog Devices AD8502 Datasheet HTML 9Page - Analog Devices AD8502 Datasheet HTML 10Page - Analog Devices AD8502 Datasheet HTML 11Page - Analog Devices AD8502 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8502/AD8504
Rev. 0 | Page 8 of 16
0.9
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0123456
VS (V)
0
Figure 9. Supply Current vs. Input Common-Mode Voltage
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
–40 –25 –10
5
20
35
50
65
80
95
110 125
ISY @ 5.0V
ISY @ 1.8V
Figure 10. Supply Current vs. Temperature
VCM (V)
600
650
700
750
800
850
900
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 11. Supply Current vs. Input Common-Mode Voltage, VS = 5 V
1000
100
10
1
0.1
0.01
0.001
0.01
0.1
1
LOAD CURRENT (mA)
SOURCE
SINK
Figure 12. Output Saturation Voltage vs. Load Current, VS = 5 V
100
10
1
0.1
–40
10
–15
35608
TEMPERATURE (°C)
5
VOL @ 100kΩ LOAD
VOH @ 100kΩ LOAD
VOL @ 10kΩ LOAD
VOH @ 10kΩ LOAD
Figure 13. Output Saturation Voltage vs. Temperature, VS = 5 V
80
60
40
20
0
–20
–40
–60
–80
10
100
1k
10k
100k
FREQUENCY (Hz)
–120
–90
–60
–30
0
30
60
120
90
Figure 14. Open-Loop Gain and Phase vs. Frequency, VS = 5 V


Similar Part No. - AD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8502 AD-AD8502 Datasheet
155Kb / 6P
   1關 Micropower Precision CMOS Operational Amplifier
Rev. PrB
AD8502 AD-AD8502 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
AD8502 AD-AD8502 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8502ARJZ-R2 AD-AD8502ARJZ-R2 Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
AD8502ARJZ-REEL AD-AD8502ARJZ-REEL Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
More results

Similar Description - AD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8504ARUZ AD-AD8504ARUZ Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
logo
Analog Devices
AD8502 AD-AD8502 Datasheet
155Kb / 6P
   1關 Micropower Precision CMOS Operational Amplifier
Rev. PrB
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV629X STMICROELECTRONICS-TSV629X Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Shenzhen Huazhimei Semi...
HM8521 HMSEMI-HM8521 Datasheet
1Mb / 12P
   3.4關A, 90kHz, RRIO CMOS Operational Amplifiers
HM8631 HMSEMI-HM8631 Datasheet
2Mb / 13P
   520關A, 6.5MHz, RRIO CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com