Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8318 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices AD8318 Datasheet HTML 10Page - Analog Devices AD8318 Datasheet HTML 11Page - Analog Devices AD8318 Datasheet HTML 12Page - Analog Devices AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices AD8318 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8318
Rev. B | Page 11 of 24
THEORY OF OPERATION
The AD8318 is a 9-stage demodulating logarithmic amplifier
that provides RF measurement and power amplifier control
functions. The design of the AD8318 is similar to the AD8313
logarithmic detector/controller. However, the AD8318 input
frequency range extends to 8 GHz with a 60 dB dynamic range.
Other improvements include: reduced intercept variability vs.
temperature, increased dynamic range at higher frequencies,
low noise measurement and controller output (VOUT),
adjustable low-pass corner frequency (CLPF), temperature
sensor output (TEMP), negative transfer function slope for
higher accuracy, and 10 ns response time for RF burst detection
capability. A block diagram is shown in Figure 22.
TEMP
SENSOR
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
IV
VOUT
IV
VSET
CLPF
TEMP
VPSI
ENBL
TADJ
VPSO
CMOP
CMIP
Figure 22. Block Diagram
A fully differential design, using a proprietary high speed SiGe
process, extends high frequency performance. Input INHI
receives the signal with a low frequency impedance of nominally
1200 Ω in parallel with 0.7 pF. The maximum input with ±1 dB
log conformance error is typically 0 dBm (re: 50 Ω). The noise
spectral density referred to the input is 1.15 nV/√Hz, which is
equivalent to a voltage of 118 μV rms in a 10.5 GHz bandwidth,
or a noise power of −66 dBm (re: 50 Ω). This noise spectral
density sets the lower limit of the dynamic range. However, the
low end accuracy of the AD8318 is enhanced by specially
shaping the demodulating transfer characteristic to partially
compensate for errors due to internal noise.
CMIP, the input system common pin, provides a quality low
impedance connection to the printed circuit board (PCB)
ground via four package pins. Ground the package paddle,
which is internally connected to the CMIP pin, to the PCB to
reduce thermal impedance from the die to the PCB.
The logarithmic function is approximated in a piecewise
fashion by nine cascaded gain stages. For a more complete
explanation of the logarithm approximation, refer to the
AD8307 data sheet. The cells have a nominal voltage gain of
8.7 dB each and a 3 dB bandwidth of 10.5 GHz.
Using precision biasing, the gain is stabilized over temperature
and supply variations. Because the cascaded gain stages are
dc-coupled, the overall dc gain is high. An offset compensation
loop is included to correct for offsets within the cascaded cells.
At the output of each of the gain stages, a square-law detector
cell rectifies the signal. The RF signal voltages are converted to a
fluctuating differential current with an average value that
increases with signal level. Along with the nine gain stages and
detector cells, an additional detector is included at the input of
the AD8318, altogether providing a 60 dB dynamic range. After
the detector currents are summed and filtered, the function
ID × log10(VIN/VINTERCEPT)
(1)
is formed at the summing node,
where:
ID is the internally set detector current.
VIN is the input signal voltage.
VINTERCEPT is the intercept voltage (that is, when VIN = VINTERCEPT,
the output voltage would be 0 V if capable of going to 0 V).


Similar Part No. - AD8318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
AD8318 AD-AD8318 Datasheet
218Kb / 3P
   Stable, Closed-Loop Automatic Power Control for RF Applications
REV. B
AD8318 AD-AD8318 Datasheet
247Kb / 5P
   Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
REV. C
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
More results

Similar Description - AD8318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8313 AD-AD8313_04 Datasheet
720Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com