Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8532AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD8532AR
Description  Low Cost, 250 mA Output, Single-Supply Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8532AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8532AR Datasheet HTML 7Page - Analog Devices AD8532AR Datasheet HTML 8Page - Analog Devices AD8532AR Datasheet HTML 9Page - Analog Devices AD8532AR Datasheet HTML 10Page - Analog Devices AD8532AR Datasheet HTML 11Page - Analog Devices AD8532AR Datasheet HTML 12Page - Analog Devices AD8532AR Datasheet HTML 13Page - Analog Devices AD8532AR Datasheet HTML 14Page - Analog Devices AD8532AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8531/AD8532/AD8534
Rev. F | Page 11 of 20
THEORY OF OPERATION
The AD8531/AD8532/AD8534 are all CMOS, high output
current drive, rail-to-rail input/output operational amplifiers.
Their high output current drive and stability with heavy capacitive
loads make the AD8531/AD8532/AD8534 excellent choices as
drive amplifiers for LCD panels.
Figure 36 illustrates a simplified equivalent circuit for the
AD8531/AD8532/AD8534. Like many rail-to-rail input amplifier
configurations, it comprises two differential pairs, one N-channel
(M1 to M2) and one P-channel (M3 to M4). These differential
pairs are biased by 50 μA current sources, each with a compliance
limit of approximately 0.5 V from either supply voltage rail. The
differential input voltage is then converted into a pair of
differential output currents. These differential output currents
are then combined in a compound folded-cascade second gain
stage (M5 to M9). The outputs of the second gain stage at M8
and M9 provide the gate voltage drive to the rail-to-rail output
stage. Additional signal current recombination for the output
stage is achieved using M11 to M14.
To achieve rail-to-rail output swings, the AD8531/AD8532/
AD8534 design employs a complementary, common source
output stage (M15 to M16). However, the output voltage swing
is directly dependent on the load current because the difference
between the output voltage and the supply is determined by
the AD8531/AD8532/AD8534’s output transistors on channel
resistance (see Figure 12 and Figure 13). The output stage also
exhibits voltage gain by virtue of the use of common source
amplifiers; as a result, the voltage gain of the output stage (thus,
the open-loop gain of the device) exhibits a strong dependence
on the total load resistance at the output of the AD8531/
AD8532/AD8534.
50µA
100µA
100µA
20µA
VB2
M5
M8
M12
M15
M16
M11
OUT
M3
M4 M2
M1
IN–
IN+
VB3
M6
M7
M10
20µA
M13
50µA
V+
V–
M9
M14
Figure 36. Simplified Equivalent Circuit
SHORT-CIRCUIT PROTECTION
As a result of the design of the output stage for the maximum
load current capability, the AD8531/AD8532/AD8534 do not
have any internal short-circuit protection circuitry. Direct
connection of the output of the AD8531/AD8532/AD8534 to
the positive supply in single-supply applications destroys the
device. In applications where some protection is needed, but not
at the expense of reduced output voltage headroom, a low value
resistor in series with the output, as shown in Figure 37, can be
used. The resistor, connected within the feedback loop of the
amplifier, has very little effect on the performance of the amplifier
other than limiting the maximum available output voltage
swing. For single 5 V supply applications, resistors less than
20 Ω are not recommended.
5V
RX
20Ω
VOUT
VIN
AD8532
Figure 37. Output Short-Circuit Protection
POWER DISSIPATION
Although the AD8531/AD8532/AD8534 are capable of
providing load currents to 250 mA, the usable output load
current drive capability is limited to the maximum power
dissipation allowed by the device package used. In any
application, the absolute maximum junction temperature
for the AD8531/AD8532/AD8534 is 150°C. The maximum
junction temperature should never be exceeded because the
device could suffer premature failure. Accurately measuring
power dissipation of an integrated circuit is not always a
straightforward exercise; therefore, Figure 38 is provided
as a design aid for either setting a safe output current drive
level or selecting a heat sink for the package options available
on the AD8531/AD8532/AD8534.
TEMPERATURE (°C)
1.5
1.0
0.5
0
0
25
50
75
85
100
TJ MAX = 150°C
FREE AIR
NO HEAT SINK
TSSOP
θJA = 240°C/W
SC70
θJA = 376°C/W
SOIC
θJA = 158°C/W
MSOP
θJA = 210°C/W
SOT-23
θJA = 230°C/W
Figure 38. Maximum Power Dissipation vs. Ambient Temperature


Similar Part No. - AD8532AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8532AR AD-AD8532AR Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8532ARM AD-AD8532ARM Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8532ARU AD-AD8532ARU Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
More results

Similar Description - AD8532AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8531 AD-AD8531 Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
[Old version datasheet]   5 V, 250 mA Dual Output Power Supply
TPS65133_15 TI-TPS65133_15_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS65133 짹5-V, 250-mA Dual-Output Power Supply
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
AD8223 AD-AD8223_16 Datasheet
414Kb / 21P
   Single-Supply, Low Cost Instrumentation Amplifier
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com