Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8072ARM-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8072ARM-REEL
Description  Low Cost, Dual/Triple Video Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8072ARM-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8072ARM-REEL Datasheet HTML 2Page - Analog Devices AD8072ARM-REEL Datasheet HTML 3Page - Analog Devices AD8072ARM-REEL Datasheet HTML 4Page - Analog Devices AD8072ARM-REEL Datasheet HTML 5Page - Analog Devices AD8072ARM-REEL Datasheet HTML 6Page - Analog Devices AD8072ARM-REEL Datasheet HTML 7Page - Analog Devices AD8072ARM-REEL Datasheet HTML 8Page - Analog Devices AD8072ARM-REEL Datasheet HTML 9Page - Analog Devices AD8072ARM-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. D
AD8072/AD8073
–6–
FREQUENCY – MHz
0
–10
–80
0.1
500
1.0
10
100
–20
–30
–70
–40
–50
–60
–90
–100
AMP 2 OUTPUT
SOIC PACKAGE
DRIVE AMP 2
RECEIVE AMPS 1, 3 AD8073
RECEIVE AMP 1 AD8072
VS = 5V, 5V
RF = 1k , RL = 150
AV = 2
VIN = 1V p-p
TPC 7. Crosstalk vs. Frequency
FREQUENCY – MHz
–40
–50
–100
0.1
1
10
–70
–80
–90
–60
VS = 5V
RF = 1k
RL = 150
AV = 2
VOUT = 2V p-p
3RD
HARMONIC
2ND
HARMONIC
TPC 8. Distortion vs. Frequency; VS =
±5 V
FREQUENCY – MHz
–40
–50
–100
0.1
1
10
–70
–80
–90
–60
3RD
HARMONIC
2ND
HARMONIC
VS = 5V
RF = 1k
RL = 150
TO 2.5V
AV = 2
VOUT = 2V p-p
TPC 9. Distortion vs. Frequency; VS = 5 V
100M
1k
10
10k
100
1k
100k
10k
10M
1M
100k
FREQUENCY – Hz
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
1G
DEGREES
OHMS ( )
1M
TPC 10. Open-Loop Transimpedance vs. Frequency
FREQUENCY – MHz
0.1
1k
1
10
100
3
2
1
0
–1
–2
–3
–4
–5
–6
AV = 5
VS = 5V
RF = 1k
RL = 150
VOUT = 200mV p-p
AV = 1
AV = 10
AV = 2
TPC 11. Normalized Frequency Response; VS =
±5 V
FREQUENCY – MHz
6.1
6.0
5.3
0.1
500
1
10
100
5.9
5.8
5.4
5.7
5.6
5.5
6
5
4
3
2
1
0
0.1 dB
DIV
1 dB
DIV
7
–1
VS = 5V
VO = 2V p-p
RF = RG = 1k
RL = 150
TO 2.5V
AV = 2
TPC 12. Large Signal Frequency Response


Similar Part No. - AD8072ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8072ARM-REEL AD-AD8072ARM-REEL Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
AD8072ARM-REEL AD-AD8072ARM-REEL Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARM-REEL7 AD-AD8072ARM-REEL7 Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
AD8072ARM-REEL7 AD-AD8072ARM-REEL7 Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results

Similar Description - AD8072ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072 Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
AD8073JRZ AD-AD8073JRZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com