Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040AIZ-2.0 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4040AIZ-2.0
Description  Precision Micropower Shunt Voltage Reference
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4040AIZ-2.0 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4040AIZ-2.0 Datasheet HTML 1Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 2Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 3Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 4Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 5Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 6Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 7Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 8Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SOT-23 AND SC70 Package Marking Information
Only three fields of marking are possible on the SOT-23’s and SC70’s small surface. This table gives the meaning of the three
fields.
Part Marking
Field Definition
RJA SOT-23 only
First Field:
R2A SOT-23 only
RKA SOT-23 only
R4A SOT-23 only
R = Reference
R5A SOT-23 only
Second Field:
J = 2.048V Voltage Option
2 = 2.500V Voltage Option
R8A SOT-23 only
K = 3.000V Voltage Option
R0A SOT-23 only
4 = 4.096V Voltage Option
RJB
R2B
5 = 5.000V Voltage Option
RKB
R4B
8= 8.192V Voltage Option
R5B
0 = 10.000V Voltage Option
R8B SOT-23 only
R0B SOT-23 only
Third Field:
RJC
R2C
A–E = Initial Reverse Breakdown Voltage or Reference Voltage Tolerance
RKC
R4C
A = ±0.1%, B = ±0.2%, C = +0.5%, D = ±1.0%, E = ±2.0%
R5C
R8C SOT-23 only
R0C SOT-23 only
RJD
R2D
RKD
R4D
R5D
R8D SOT-23 only
R0D SOT-23 only
RJE
R2E
RKE
www.national.com
4


Similar Part No. - LM4040AIZ-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040AIZ-2.0 NSC-LM4040AIZ-2.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040AIZ-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com