Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5308IS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5308IS
Description  450MHz Fixed Gain Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5308IS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5308IS Datasheet HTML 4Page - Intersil Corporation EL5308IS Datasheet HTML 5Page - Intersil Corporation EL5308IS Datasheet HTML 6Page - Intersil Corporation EL5308IS Datasheet HTML 7Page - Intersil Corporation EL5308IS Datasheet HTML 8Page - Intersil Corporation EL5308IS Datasheet HTML 9Page - Intersil Corporation EL5308IS Datasheet HTML 10Page - Intersil Corporation EL5308IS Datasheet HTML 11Page - Intersil Corporation EL5308IS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN7358.6
May 3, 2007
Supply Voltage Range and Single-Supply
Operation
The EL5108 and EL5308 have been designed to operate
with supply voltages having a span of greater than or equal
to 5V and less than 12V. In practical terms, this means that
they will operate on dual supplies ranging from ±2.5V to ±5V.
With single-supply, they will operate from 5V to 10V.
As supply voltages continue to decrease, it becomes
necessary to provide input and output voltage ranges that
can get as close as possible to the supply voltages. The
EL5108 and EL5308 have an input range which extends to
within 2V of either supply. So, for example, on ±5V supplies,
the input range is about ±3V. The output range is also quite
large, extending to within 1V of the supply rail. On a ±5V
supply, the output is therefore capable of swinging from -4V
to +4V. Single-supply output range is larger because of the
increased negative swing due to the external pull-down
resistor to ground. Figure 24 shows an AC-coupled, gain of
+2, +5V single supply circuit configuration.
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This is especially difficult when driving a standard video load
of 150
Ω, because of the change in output current with DC
level. Previously, good differential gain could only be
achieved by running high idle currents through the output
transistors (to reduce variations in output impedance).
Special circuitry has been incorporated in the EL5108 and
EL5308 to reduce the variation of output impedance with
current output. This results in dG and dP specifications of
0.01% and 0.01°, while driving 150
Ω at a gain of 2.
Output Drive Capability
In spite of its low 3.5mA of supply current per amplifier, the
EL5108 and EL5308 are capable of providing a maximum of
±130mA of output current.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will
decouple the EL5108 and EL5308 from the cable and allow
extensive capacitive drive. However, other applications may
have high capacitive loads without a back-termination
resistor. In these applications, a small series resistor (usually
between 5
Ω and 50Ω) can be placed in series with the
output to eliminate most peaking.
Current Limiting
The EL5108 and EL5308 have no internal current-limiting
circuitry. If the output is shorted, it is possible to exceed the
Absolute Maximum Rating for output current or power
dissipation, potentially resulting in the destruction of the
device.
Power Dissipation
With the high output drive capability of the EL5108 and
EL5308, it is possible to exceed the +125°C Absolute
Maximum junction temperature under certain very high load
current conditions. Generally speaking when RL falls below
about 25
Ω, it is important to calculate the maximum junction
temperature (TJMAX) for the application to determine if
power supply voltages, load conditions, or package type
need to be modified for the EL5108 and EL5308 to remain in
the safe operating area. These parameters are calculated as
follows:
where:
TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
n = Number of amplifiers in the package
PDMAX = Maximum power dissipation of each amplifier in
the package
PDMAX for each amplifier can be calculated as follows:
where:
VS = Supply voltage
ISMAX = Maximum supply current of 1A
VOUTMAX = Maximum output voltage (required)
RL = Load resistance
FIGURE 23. AV = +1
-
+
325
Ω
325
Ω
IN-
IN+
FIGURE 24.
-
+
325
Ω
325
Ω
VIN
+5
0.1µF
1K
1K
0.1µF
+5
VOUT
4.7µF
T
JMAX
T
MAX
θ
JA
nPD
MAX
×
×
()
+
=
PD
MAX
2
(
V
S
I
SMAX )
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
×
=
EL5108, EL5308


Similar Part No. - EL5308IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5308IS INTERSIL-EL5308IS Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IS INTERSIL-EL5308IS Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IS-T13 INTERSIL-EL5308IS-T13 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IS-T13 INTERSIL-EL5308IS-T13 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IS-T7 INTERSIL-EL5308IS-T7 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5308IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com