Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5223CLZ-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5223CLZ-T13
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5223CLZ-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5223CLZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5223CLZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5223CLZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5223CLZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5223CLZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5223CLZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5223CLZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5223CLZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5223CLZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7176.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002-2004, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
EL5123, EL5223, EL5323, EL5423
12MHz 4-, 8-, 10- and 12-Channel Rail-to-
Rail Input-Output Buffers
The EL5123, EL5223, EL5323, and EL5423 are low power,
high voltage rail-to-rail input/output buffers designed
primarily for use in reference voltage buffering applications
for TFT-LCDs. They are available in quad (EL5123), octal
(EL5223), 10-Channel (EL5323), and 12-Channel (EL5423)
topologies. All buffers feature a -3dB bandwidth of 12MHz
and operate from just 600µA per buffer. This family also
features fast slewing and settling times, as well as a
continuous output drive capability of 30mA (sink and
source).
The quad channel EL5123 is available in the 10 Ld MSOP
package. The 8-Channel EL5223 is available in both the
20 Ld TSSOP and 24 Ld QFN packages, the 10-Channel
EL5323 in the 24 Ld TSSOP and 24 Ld QFN packages, and
the 12-Channel EL5423 in the 28 Ld TSSOP and 32 Ld QFN
packages. All buffers are specified for operation over the full
-40°C to +85°C temperature range.
Features
• 12MHz -3dB bandwidth
• Supply voltage = 4.5V to 16.5V
• Low supply current (per buffer) = 600µA
• High slew rate = 15V/µs
• Rail-to-rail input/output swing
• Ultra-small packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• TFT-LCD drive circuits
• Electronics notebooks
• Electronic games
• Touch-screen displays
• Personal communication devices
• Personal digital assistants (PDA)
• Portable instrumentation
• Sampling ADC amplifiers
• Wireless LANs
• Office automation
• Active filters
• ADC/DAC buffers
Data Sheet
May 3, 2007


Similar Part No. - EL5223CLZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5223CLZ-T13 INTERSIL-EL5223CLZ-T13 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
EL5223CLZ-T13 INTERSIL-EL5223CLZ-T13 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5223CLZ-T13 RENESAS-EL5223CLZ-T13 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
More results

Similar Description - EL5223CLZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com