Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5300IU Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5300IU
Description  200MHz Slew Enhanced VFA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5300IU Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5300IU Datasheet HTML 4Page - Intersil Corporation EL5300IU Datasheet HTML 5Page - Intersil Corporation EL5300IU Datasheet HTML 6Page - Intersil Corporation EL5300IU Datasheet HTML 7Page - Intersil Corporation EL5300IU Datasheet HTML 8Page - Intersil Corporation EL5300IU Datasheet HTML 9Page - Intersil Corporation EL5300IU Datasheet HTML 10Page - Intersil Corporation EL5300IU Datasheet HTML 11Page - Intersil Corporation EL5300IU Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN7330.3
May 3, 2007
FIGURE 17. SMALL SIGNAL RISE TIME
FIGURE 18. SMALL SIGNAL RISE TIME
FIGURE 19. SMALL SIGNAL FALL TIME
FIGURE 20. CURRENT NOISE
FIGURE 21. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 22. GAIN vs FREQUENCY FOR VARIOUS CL
Typical Performance Curves (Continued)
TIME (2ns/DIV)
CH1
CH2
CH1=10mV/DIV
CH2=2mV/DIV
VCC VEE = 5V
AV=1
RL=150Ω
INPUT CH1
OUTPUT CH2
CH1 RISE
1.717ns
CH2 RISE
1.808ns
TIME (2ns/DIV)
CH1
CH2
CHANNEL 1
CHANNEL 2
CH1=10mV
CH2=2mV
AV=+1
RL=150Ω
VS=±5V
TIME (2ns/DIV)
CH1
CH2
INPUT CH1
OUTPUT CH2
CH1=10mV/DIV
CH2=2mV/DIV
VCC VEE = 5V
AV=1
RL=150Ω
CH1 FALL
1.306ns
CH2 FALL
2.351ns
100
10K
100K
FREQUENCY (Hz)
1K
100
10
1
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
600M
FREQUENCY (Hz)
100M
AV=+1
RL=150Ω
15pF
-5
2.2pF
7.8pF
13.4pF
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
600M
FREQUENCY (Hz)
100M
RL=150Ω
CIN-=0pF
24.6 pF
13.4pF
7.8pF
-5
19pF
2.2pF
EL5100, EL5101, EL5300


Similar Part No. - EL5300IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5300IU INTERSIL-EL5300IU Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5300IU INTERSIL-EL5300IU Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5300IU RENESAS-EL5300IU Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5300IU-T13 INTERSIL-EL5300IU-T13 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5300IU-T13 INTERSIL-EL5300IU-T13 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5300IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com