Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5323CR Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5323CR
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5323CR Datasheet(HTML) 3 Page - Intersil Corporation

  EL5323CR Datasheet HTML 1Page - Intersil Corporation EL5323CR Datasheet HTML 2Page - Intersil Corporation EL5323CR Datasheet HTML 3Page - Intersil Corporation EL5323CR Datasheet HTML 4Page - Intersil Corporation EL5323CR Datasheet HTML 5Page - Intersil Corporation EL5323CR Datasheet HTML 6Page - Intersil Corporation EL5323CR Datasheet HTML 7Page - Intersil Corporation EL5323CR Datasheet HTML 8Page - Intersil Corporation EL5323CR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN7176.2
May 3, 2007
Ordering Information
PART NUMBER
PART MARKING
TAPE AND REEL
PACKAGE
PKG. DWG. #
EL5123CY
P
-
10 Ld MSOP (3.0mm)
MDP0043
EL5123CY-T7
P
7”
10 Ld MSOP (3.0mm)
MDP0043
EL5123CY-T13
P
13”
10 Ld MSOP (3.0mm)
MDP0043
EL5123CYZ (Note)
BAAAT
-
10 Ld MSOP (3.0mm) (Pb-Free)
MDP0043
EL5123CYZ-T7 (Note)
BAAAT
7”
10 Ld MSOP (3.0mm) (Pb-Free)
MDP0043
EL5123CYZ-T13 (Note)
BAAAT
13”
10 Ld MSOP (3.0mm) (Pb-Free)
MDP0043
EL5223CL
5223CL
-
24 Ld QFN (4mmx5mm)
MDP0046
EL5223CL-T7
5223CL
7”
24 Ld QFN (4mmx5mm)
MDP0046
EL5223CL-T13
5223CL
13”
24 Ld QFN (4mmx5mm)
MDP0046
EL5223CLZ (Note)
5223CLZ
-
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5223CLZ-T7 (Note)
5223CLZ
7”
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5223CLZ-T13 (Note)
5223CLZ
13”
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5223CR
5223CR
-
20 Ld TSSOP (4.4mm)
MDP0044
EL5223CR-T7
5223CR
7”
20 Ld TSSOP (4.4mm)
MDP0044
EL5223CR-T13
5223CR
13”
20 Ld TSSOP (4.4mm)
MDP0044
EL5223CRZ (Note)
5223CRZ
-
20 Ld TSSOP (4.4mm) (Pb-Free)
M20.173
EL5223CRZ-T7 (Note)
5223CRZ
7”
20-Ld TSSOP (4.4mm) (Pb-Free)
M20.173
EL5223CRZ-T13 (Note)
5223CRZ
13”
20 Ld TSSOP (4.4mm) (Pb-Free)
M20.173
EL5323CL
5323CL
-
24 Ld QFN (4mmx5mm)
MDP0046
EL5323CL-T7
5323CL
7”
24 Ld QFN (4mmx5mm)
MDP0046
EL5323CL-T13
5323CL
13”
24 Ld QFN (4mmx5mm)
MDP0046
EL5323CLZ (Note)
5323CLZ
-
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5323CLZ-T7 (Note)
5323CLZ
7”
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5323CLZ-T13 (Note)
5323CLZ
13”
24 Ld QFN (4mmx5mm) (Pb-Free)
MDP0046
EL5323CR
5323CR
-
24 Ld TSSOP (4.4mm)
MDP0044
EL5323CR-T13
5323CR
13”
24 Ld TSSOP (4.4mm)
MDP0044
EL5323CRZ (Note)
5323CRZ
-
24 Ld TSSOP (4.4mm) (Pb-Free)
MDP0044
EL5323CRZ-T7 (Note)
5323CRZ
7”
24 Ld TSSOP (4.4mm) (Pb-Free)
MDP0044
EL5323CRZ-T13 (Note)
5323CRZ
13”
24 Ld TSSOP (4.4mm) (Pb-Free)
MDP0044
EL5423CL
5423CL
-
32 Ld QFN (5mmx6mm)
MDP0046
EL5423CL-T7
5323CL
7”
32 Ld QFN (5mmx6mm)
MDP0046
EL5423CL-T13
5423CL
13”
32 Ld QFN (5mmx6mm)
MDP0046
EL5423CLZ (Note)
5423CLZ
-
32 Ld QFN (5mmx6mm) (Pb-Free)
MDP0046
EL5423CLZ-T7 (Note)
5423CLZ
7”
32 Ld QFN (5mmx6mm) (Pb-Free)
MDP0046
EL5423CLZ-T13 (Note)
5423CLZ
13”
32 Ld QFN (5mmx6mm) (Pb-Free)
MDP0046
EL5123, EL5223, EL5323, EL5423


Similar Part No. - EL5323CR

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5323CR ELANTEC-EL5323CR Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5323CR INTERSIL-EL5323CR Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
EL5323CR INTERSIL-EL5323CR Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5323CR RENESAS-EL5323CR Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5323CR-T13 INTERSIL-EL5323CR-T13 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results

Similar Description - EL5323CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com